Electronic Components Datasheet Search
  English  ▼

X  

AD9515 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9515
Description  1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9515 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9515 Datasheet HTML 20Page - Analog Devices AD9515 Datasheet HTML 21Page - Analog Devices AD9515 Datasheet HTML 22Page - Analog Devices AD9515 Datasheet HTML 23Page - Analog Devices AD9515 Datasheet HTML 24Page - Analog Devices AD9515 Datasheet HTML 25Page - Analog Devices AD9515 Datasheet HTML 26Page - Analog Devices AD9515 Datasheet HTML 27Page - Analog Devices AD9515 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD9515
Rev. 0 | Page 27 of 28
PHASE NOISE AND JITTER MEASUREMENT SETUPS
AD9515
CLK1
OUT1
OUT1B
TERM
TERM
AMP
+28dB
ZFL1000VH2
ATTENUATOR
–12dB
EVALUATION BOARD
AD9515
CLK1
OUT1
OUT1B
TERM
TERM
AMP
+28dB
ZFL1000VH2
ATTENUATOR
–7dB
SIG IN
REF IN
EVALUATION BOARD
WENZEL
OSCILLATOR
0
°
SPLITTER
ZESC-2-11
VARIABLE DELAY
COLBY PDL30A
0.01ns STEP
TO 10ns
Figure 41. Additive Phase Noise Measurement Configuration
AD9515
CLK1
OUT1
OUT1B
TERM
CLK
ANALOG
SOURCE
TERM
EVALUATION BOARD
WENZEL
OSCILLATOR
WENZEL
OSCILLATOR
DATA CAPTURE CARD
FIFO
FFT
PC
ADC
SNR
tJ_RMS
Figure 42. Jitter Determination by Measuring SNR of ADC
() ()
[]2
2
2
2
2
2
20
2π
θ
θ
θ
10
A_PK
A
DNL
THERMAL
ON
QUANTIZATI
SNR
A_RMS
J_RMS
V
f
BW
SND
V
t
×
×
+
+
−
×
−
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
=
where:
tj_RMS
is the rms time jitter.
SNR
is the signal-to-noise ratio.
SND
is the source noise density in nV/√Hz.
BW
is the SND filter bandwidth.
VA
is the analog source voltage.
fA
is the analog frequency.
The θ terms are the quantization, thermal, and DNL errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com