Electronic Components Datasheet Search
  English  ▼

X  

AD9880 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9880
Description  Analog/HDMI Dual Display Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9880 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9880 Datasheet HTML 35Page - Analog Devices AD9880 Datasheet HTML 36Page - Analog Devices AD9880 Datasheet HTML 37Page - Analog Devices AD9880 Datasheet HTML 38Page - Analog Devices AD9880 Datasheet HTML 39Page - Analog Devices AD9880 Datasheet HTML 40Page - Analog Devices AD9880 Datasheet HTML 41Page - Analog Devices AD9880 Datasheet HTML 42Page - Analog Devices AD9880 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
AD9880
Rev. 0 | Page 39 of 64
0x0D
7-0
Blue Channel Offset
These eight bits are the blue channel offset control.
The offset control shifts the analog input, resulting in
a change in brightness. Note that the function of the
offset register depends on whether clamp feedback is
enabled (Register 0x1C, Bit 7 = 1).
If clamp feedback is disabled, the offset register bits
control the absolute offset added to the channel. The
offset control provides a +127/−128 LSBs of adjust-
ment range, with 1 LSB of offset corresponding to
1 LSB of output code. If clamp feedback is enabled
these bits provide the relative offset (brightness) from
the offset adjust in the previous register. The power-up
default is 0x80.
SYNC
0x0E
7-0
Sync Separator
Selects the max Hsync pulse width for composite sync
separation. Power-down default is 0x20.
0x0F
7-2
SOG Comparator Threshold Enter
The enter level for the SOG slicer. Must be < than exit
level (Register 0x10). The power-up default is 0x10.
0x10
7-2
SOG Comparator Threshold Exit
The exit level for the SOG slicer. Must be > enter level
(Register 0x0F). The power-up default is 0x10.
0x11
7
Hsync Source
0 = Hsync, 1 = SOG. The power-up default is 0. These
selections are ignored if Register 0x11, Bit 6 = 0.
0x11
6
Hsync Source Override
0 = auto Hsync source, 1 = manual Hsync source.
Manual Hsync source is defined in Register 0x11,
Bit 7. The power-up default is 0.
0x11
5
Vsync Source
0 = Vsync, 1 = Vsync from SOG. The power-up
default is 0. These selections are ignored if Register
0x11, Bit 4 = 0.
0x11
4
Vsync Source Override
0 = auto Vsync source, 1 = MANUAL Vsync source.
Manual Vsync source is defined in Register 0x11,
Bit 5. The power-up default is 0.
0x11
3
Channel Select
0 = Channel 0, 1 = Channel 1. The power-up default is
0. These selections are ignored if Register 0x11,
Bit 2 = 0.
0x11
2
Channel Select Override
0 = auto channel select, 1 = manual channel select.
Manual channel select is defined in Register 0x11,
Bit 3. The power-up default is 0.
0x11
1
Interface Select
0 = analog interface, 1 = digital interface. The power-
up default is 0. These selections are ignored if
Register 0x11, Bit 0 = 0.
0x11
0
Interface Select Override
0 = auto interface select, 1 = manual interface select.
Manual interface select is defined in Register 0x11,
Bit 1. The power-up default is 0.
0x12
7
Input Hsync Polarity
0 = active low, 1 = active high. The power-up default is
1. These selections are ignored if Register 10x2,
Bit 6 = 0.
0x12
6
Hsync Polarity Override
0 = auto Hsync polarity, 1 = manual Hsync polarity.
Manual Hsync polarity is defined in Register 0x11,
Bit 7. The power-up default is 0.
0x12
5
Input Vsync Polarity
0 = active low, 1 = active high. The power-up default is
1. These selections are ignored if Register 0x11,
Bit 4 = 0.
0x12
4
Vsync Polarity Override
0 = auto Vsync polarity, 1 = manual Vsync polarity.
Manual Vsync polarity is defined in Register 0x11,
Bit 5. The power-up default is 0.
COAST AND CLAMP CONTROLS
0x12
3
Input Coast Polarity
0 = active low, 1 = active high. The power-up default
is 1.
0x12
2
Coast Polarity Override
0 = auto Coast polarity, 1 = manual Coast polarity.
The power-up default is 0.
0x12
1
Coast Source
0 = internal Coast, 1 = external Coast. The power-up
default is 0.
0x12
0
Filter Coast Vsync
0 = use raw Vsync for Coast generation, 1 = use
filtered Vsync for Coast generation The power-up
default is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com