Electronic Components Datasheet Search
  English  ▼

X  

AD9882A Datasheet(PDF) 13 Page - Analog Devices

Part # AD9882A
Description  Dual Interface for Flat Panel Displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9882A Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9882A Datasheet HTML 9Page - Analog Devices AD9882A Datasheet HTML 10Page - Analog Devices AD9882A Datasheet HTML 11Page - Analog Devices AD9882A Datasheet HTML 12Page - Analog Devices AD9882A Datasheet HTML 13Page - Analog Devices AD9882A Datasheet HTML 14Page - Analog Devices AD9882A Datasheet HTML 15Page - Analog Devices AD9882A Datasheet HTML 16Page - Analog Devices AD9882A Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AD9882A
Rev. 0 | Page 13 of 40
THEORY OF OPERATION AND DESIGN GUIDE: ANALOG INTERFACE
GENERAL DESCRIPTION
The AD9882A is a fully integrated solution for capturing analog
RGB signals and digitizing them for display on flat panel moni-
tors or projectors. The device is ideal for implementing a com-
puter interface for HDTV monitors or as the front end to high
performance video scan converters.
Implemented in a high performance CMOS process, the inter-
face can capture signals with pixel rates of up to 140 MHz.
The AD9882A includes all necessary input buffering, signal dc
restoration (clamping), offset and gain (brightness and contrast)
adjustment, pixel clock generation, sampling phase control, and
output data formatting. All controls are programmable via a
2-wire serial interface. Full integration of these sensitive analog
functions makes the system design straightforward and less
sensitive to the physical and electrical environment.
With a typical power dissipation of only 875 mW and an oper-
ating temperature range of 0°C to 70°C, the device requires no
special environmental considerations.
INPUT SIGNAL HANDLING
The AD9882A has three high impedance analog input pins for
the red, green, and blue channels. They will accommodate
signals ranging from 0.5 V to 1.0 V p-p.
Signals are typically brought onto the interface board via a
DVI-I connector, a 15-pin D connector, or BNC connectors.
The AD9882A should be located as close as practical to the
input connector. Signals should be routed via matched-
impedance traces (normally 75 Ω) to the IC input pins.
At that point, the signal should be resistively terminated (75 Ω
to the signal ground return) and capacitively coupled to the
AD9882A inputs through 47 nF capacitors. These capacitors
form part of the dc restoration circuit (see Figure 9).
In an ideal world of perfectly matched impedances, the best
performance can be obtained with the widest possible signal
bandwidth. The wide bandwidth inputs of the AD9882A
(300 MHz) can track the input signal continuously as it moves
from one pixel level to the next and digitize the pixel during a
long, flat pixel time. In many systems, however, there are
mismatches, reflections, and noise, which can result in excessive
ringing and distortion of the input waveform. This makes it
more difficult to establish a sampling phase that provides good
image quality. It has been shown that a small inductor in series
with the input is effective in rolling off the input bandwidth
slightly and providing a high quality signal over a wider range
of conditions. Using a Fair-Rite #2508051217Z0 high speed
signal chip bead inductor in the circuit of Figure 9 gives good
results in most applications.
RGB
INPUT
RAIN
GAIN
BAIN
47nF
75
Ω
Figure 3. Analog Input Interface Circuit
HSYNC AND VSYNC INPUTS
The AD9882A receives a horizontal sync signal and uses it to
generate the pixel clock and clamp timing. This can be either a
sync signal directly from the graphics source or a preprocessed
TTL or CMOS level signal.
The Hsync input includes a Schmitt trigger buffer and is
capable of handling signals with long rise times, with superior
noise immunity. In typical PC-based graphic systems, the sync
signals are simply TTL level drivers, feeding unshielded wires in
the monitor cable. As such, no termination is required.
SERIAL CONTROL PORT
The serial control port is designed for 3.3 V logic. If there are
5 V drivers on the bus, these pins should be protected with
150 Ω series resistors placed between the pull-up resistors and
the input pins.
OUTPUT SIGNAL HANDLING
The digital outputs are designed and specified to operate from a
3.3 V power supply (VDD). They can also work with a VDD as low
as 2.5 V for compatibility with other 2.5 V logic.
CLAMPING
RGB Clamping
To properly digitize the incoming signal, the dc offset of the
input must be adjusted to fit the range of the on-board ADCs.
Most graphics systems produce RGB signals with black at
ground and white at approximately 0.75 V. However, if sync
signals are embedded in the graphics, the sync tip is often at
ground, and black is at 300 mV; white will be approximately
1.0 V. Some common RGB line amplifier boxes use emitter-
follower buffers to split signals and increase drive capability.
This introduces a 700 mV dc offset to the signal, which is
removed by clamping for proper capture by the AD9882A.
The key to clamping is to identify a portion (time) of the signal
when the graphics system is known to be producing black.
Originating from CRT displays, the electron beam is blanked by
sending a black level during horizontal retrace to prevent
disturbing the image. Most graphics systems maintain this
format of sending a black level between active video lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com