Electronic Components Datasheet Search
  English  ▼

X  

C3D02065E Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # C3D02065E
Description  Silicon Carbide Schottky Diode Z-Rec® Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C3D02065E Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  C3D02065E Datasheet HTML 1Page - WOLFSPEED, INC. C3D02065E Datasheet HTML 2Page - WOLFSPEED, INC. C3D02065E Datasheet HTML 3Page - WOLFSPEED, INC. C3D02065E Datasheet HTML 4Page - WOLFSPEED, INC. C3D02065E Datasheet HTML 5Page - WOLFSPEED, INC. C3D02065E Datasheet HTML 6Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
6
C3D02065E Rev. A, 10-2016
Copyright © 2016 Cree, Inc. All rights reserved.
The information in this document is subject to change without notice.
Cree, the Cree logo, and Zero Recovery are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5451
www.cree.com/power
• RoHS Compliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred
to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance
with EU Directive 2011/65/EC (RoHS2), as implemented January 2, 2013. RoHS Declarations for this product can
be obtained from your Wolfpseed representative or from the Product Ecology section of our website at http://
www.wolfspeed.com/Power/Tools-and-Support/Product-Ecology.
• REACh Compliance
REACh substances of high concern (SVHCs) information is available for this product. Since the European Chemi-
cal Agency (ECHA) has published notice of their intent to frequently revise the SVHC listing for the foreseeable
future,please contact a Cree representative to insure you get the most up-to-date REACh SVHC Declaration.
REACh banned substance information (REACh Article 67) is also available upon request.
• This product has not been designed or tested for use in, and is not intended for use in, applications implanted into
the human body nor in applications in which failure of the product could lead to death, personal injury or property
damage, including but not limited to equipment used in the operation of nuclear facilities, life-support machines,
cardiac defibrillators or similar emergency medical equipment, aircraft navigation or communication or control
systems, or air traffic control systems.
Notes
• Cree SiC Schottky diode portfolio: http://www.wolfspeed.com/Power/Products#SiCSchottkyDiodes
• Schottky diode Spice models: http://www.wolfspeed.com/power/tools-and-support/DIODE-model-request2
• SiC MOSFET and diode reference designs: http://go.pardot.com/l/101562/2015-07-31/349i
Related Links
Diode Model
VT
RT
Diode Model CSD10060
Vf T = VT + If*RT
VT= 0.92 + (Tj * -1.35*10-3)
RT= 0.052 + (Tj * 0.29*10-3)
Note: T
j = Diode Junction Temperature In Degrees Celsius,
valid from 25°C to 175°C
VfT = VT+If*RT
V
T = 0.98+(TJ* -1.1*10
-3
)
R
T = 0.18+(TJ* 1.8*10
-3
)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com