Electronic Components Datasheet Search
  English  ▼

X  

AD9942 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9942
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9942 Datasheet HTML 5Page - Analog Devices AD9942 Datasheet HTML 6Page - Analog Devices AD9942 Datasheet HTML 7Page - Analog Devices AD9942 Datasheet HTML 8Page - Analog Devices AD9942 Datasheet HTML 9Page - Analog Devices AD9942 Datasheet HTML 10Page - Analog Devices AD9942 Datasheet HTML 11Page - Analog Devices AD9942 Datasheet HTML 12Page - Analog Devices AD9942 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AD9942
Rev. A | Page 9 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
A1 CORNER
INDEX AREA
23456789 10
A
B
C
D
E
F
G
H
J
K
AD9942
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Ball Location
Mnemonic
Type1
Description
B2
SL_A
DI
6-Wire Serial Load for Channel A
C2
SDATA_A
DI
6-Wire Serial Data for Channel A
D2
SCK_A
DI
6-Wire Serial Clock for Channel A
C1
REFT_A
AO
Reference Top Decoupling for Channel A (decouple with 1.0 μF to AVSS_A)
D1
REFB_A
AO
Reference Bottom Decoupling for Channel A (decouple with 1.0 μF to AVSS_A)
A1
CCDIN_A
AI
Analog Input for Channel A CCD Signal (connect through series 0.1 μF capacitor)
F4
H1A
DO
CCD Horizontal Clock 1 for Channel A
F3
H2A
DO
CCD Horizontal Clock 2 for Channel A
D4
H3A
DO
CCD Horizontal Clock 3 for Channel A
D3
H4A
DO
CCD Horizontal Clock 4 for Channel A
B4
RG_A
DO
CCD Reset Gate Clock for Channel A
J2
DRVSS_A
P
Digital Driver Ground for Channel A
K3
DRVDD_A
P
Digital Driver Supply for Channel A
E3
HVSS_A
P
H1A to H4A Driver Ground for Channel A
E4
HVDD_A
P
H1A to H4A Driver Supply for Channel A
C3
RGVSS_A
P
RG_A Driver Ground for Channel A
C4
RGVDD_A
P
RG_A Driver Supply for Channel A
B3
TCVSS_A
P
Analog Ground for Channel A Timing Core
A4
TCVDD_A
P
Analog Supply for Channel A Timing Core
B1
AVSS_A
P
Analog Ground for Channel A
A2
AVDD_A
P
Analog Ground for Channel A
F2
DVSS_A
P
Digital Ground for Channel A
F1
DVDD_A
P
Digital Supply for Channel A
E2
VD_A
DI
Vertical Sync Pulse for Channel A
E1
HD_A
DI
Horizontal Sync Pulse for Channel A
B8
SL_B
DI
6-Wire Serial Load for Channel B
C8
SDATA_B
DI
6-Wire Serial Data for Channel B
D8
SCK_B
DI
6-Wire Serial Clock for Channel B
C7
REFT_B
AO
Reference Top Decoupling for Channel B (decouple with 1.0 μF to AVSS_B)
D7
REFB_B
AO
Reference Bottom Decoupling for Channel B (decouple with 1.0 μF to AVSS_B)
A7
CCDIN_B
AI
Analog Input for Channel B CCD Signal (connect through series 0.1 μF capacitor)
F10
H1B
DO
CCD Horizontal Clock 1 for Channel B
F9
H2B
DO
CCD Horizontal Clock 2 for Channel B
D10
H3B
DO
CCD Horizontal Clock 3 for Channel B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com