Electronic Components Datasheet Search
  English  ▼

X  

AD9927BBCZRL Datasheet(PDF) 92 Page - Analog Devices

Part # AD9927BBCZRL
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZRL Datasheet(HTML) 92 Page - Analog Devices

Back Button AD9927BBCZRL Datasheet HTML 88Page - Analog Devices AD9927BBCZRL Datasheet HTML 89Page - Analog Devices AD9927BBCZRL Datasheet HTML 90Page - Analog Devices AD9927BBCZRL Datasheet HTML 91Page - Analog Devices AD9927BBCZRL Datasheet HTML 92Page - Analog Devices AD9927BBCZRL Datasheet HTML 93Page - Analog Devices AD9927BBCZRL Datasheet HTML 94Page - Analog Devices AD9927BBCZRL Datasheet HTML 95Page - Analog Devices AD9927BBCZRL Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
AD9927
Rev. 0 | Page 92 of 100
Address
Data
Bits
Default
Value
Update
Type
Name
Description
A6
[12:0]
0
VD
GP8_TOG2_LN
General-Purpose Signal 8, second toggle position, line location.
[25:13]
0
GP8_TOG2_PX
General-Purpose Signal 8, second toggle position, pixel location.
A7
[12:0]
0
VD
GP8_TOG3_FD
General-Purpose Signal 8, third toggle position, field location.
[25:13]
0
GP8_TOG3_LN
General-Purpose Signal 8, third toggle position, line location.
A8
[12:0]
0
VD
GP8_TOG3_PX
General-Purpose Signal 8, third toggle position, pixel location.
[25:13]
0
GP8_TOG4_FD
General-Purpose Signal 8, fourth toggle position, field location.
A9
[12:0]
0
VD
GP8_TOG4_LN
General-Purpose Signal 8, fourth toggle position, line location.
[25:13]
0
GP8_TOG4_PX
General-Purpose Signal 8, fourth toggle position, pixel location.
AA
[0]
0
VD
SUBCK_TOG1_13
Bit [13] for SUBCK Toggle Position 1. For 14-bit H-counter mode.
[1]
0
VD
SUBCK_TOG2_13
Bit [13] for SUBCK Toggle Position 2. For 14-bit H-counter mode.
[2]
0
VD/SG
SUBCKHP_TOG1_13
Bit [13] for SUBCK HP Toggle 1. For 14-bit H-counter mode.
[3]
0
VD/SG
SUBCKHP_TOG2_13
Bit [13] for SUBCK HP Toggle 2. For 14-bit H-counter mode.
Table 57. Update Control Registers
Address
Data
Bits
Default Value
Update
Name
Description
B0
[15:0]
1803
SCK
AFE_UPDT_SCK
Each bit corresponds to one address location.
AFE_UPDT_SCK [0] = 1, update Address 0x00 on SL rising edge.
AFE_UPDT_SCK [1] = 1, update Address 0x01 on SL rising edge.
…
AFE_UPDT_SCK [15] = 1, update Address 0x0F on SL rising edge.
B1
[15:0]
E7FC
SCK
AFE_UPDT_VD
Each bit corresponds to one address location.
AFE_UPDT_VD [0] = 1, update Address 0x00 on VD rising edge.
AFE_UPDT_VD [1] = 1, update Address 0x01 on VD rising edge.
…
AFE_UPDT_VD [15] = 1, update Address 0x0F on VD rising edge.
B2
[15:0]
F8FD
SCK
MISC_UPDT_SCK
Enable SCK update of miscellaneous registers,
Address 0x10 to Address 0x1F.
B3
[15:0]
0702
SCK
MISC_UPDT_VD
Enable VD update of miscellaneous registers,
Address 0x10 to Address 0x1F.
B4
[15:0]
FFF9
SCK
VDHD_UPDT_SCK
Enable SCK update of VDHD registers, Address 0x20 to Address 0x2F.
B5
[15:0]
0006
SCK
VDHD_UPDT_VD
Enable VD update of VDHD registers, Address 0x20 to Address 0x2F.
Table 58. Extra Registers
Address
Data Bits
Default Value
Update
Name
Description
D4
[0]
0
SCK
TEST
Test use only. Set to 0.
[1]
0
GPO_INT_EN
Allow observation of internal signals at GPO5 to GPO8 outputs.
GPO5: OUTCONTROL.
GPO6: HBLK.
GPO7: CLPOB.
GPO8: PBLK.
[9:2]
0
TEST
Test use only. Set to 0.
D7
[0]
0
SCK
TEST
Test use only. Set to 0.
[1]
0
XV24_SWAP
Set to 1 to change the V-driver output configuration so that XV15 is
output on the XV24 output pin. Useful with special vertical
sequence alternation mode when the XV24 register is reserved for
pattern selection.
D8
[27:0]
0
SCK
START
Recommended start-up register. Should be set to 0x888.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com