Electronic Components Datasheet Search
  English  ▼

X  

C3D08065A Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # C3D08065A
Description  3rd Generation 650 V, 8 A Silicon Carbide Schottky
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C3D08065A Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  C3D08065A Datasheet HTML 1Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 2Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 3Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 4Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 5Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 6Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 7Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 8Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
Rev. 6, March 2023
C3D08065A
Package Types: TO-220-2
Marking: C3D08065A
Features
• Low Forward Voltage (V
F) Drop with Positive
Temperature Coefficient
• Zero Reverse Recovery Current / Forward
Recovery Voltage
• Temperature-Independent Switching Behavior
Applications
• Industrial Switched Mode Power Supplies
• Uninterruptible & AUX Power Supplies
• Boost for PFC & DC-DC Stages
• Solar Inverters
Description
With the performance advantages of a Silicon Carbide (SiC)
Schottky Barrier diode, power electronics systems can expect
to meet higher efficiency standards than Si-based solutions,
while also reaching higher frequencies and power densities.
SiC diodes can be easily paralleled to meet various application
demands, without concern of thermal runaway. In combination
with the reduced cooling requirements and improved thermal
performance of SiC products, SiC diodes are able to provide
lower overall system costs in a variety of diverse applications.
Maximum Ratings (T
C = 25°C Unless Otherwise Specified)
Parameter
Symbol
Value
Unit
Test Conditions
Notes
Repetitive Peak Reverse Voltage
V
RRM
650
V
DC Blocking Voltage
V
DC
650
Continuous Forward Current
I
F
24
A
T
J = 25 °C
Fig. 3
11
T
J = 135 °C
8
T
J = 152 °C
Repetitive Peak Forward Surge
Current
I
FRM
37.5
T
C = 25 °C, tp = 10 ms, Half Sine Wave
25.5
T
C = 110 °C, tp = 10 ms, Half Sine Wave
Non-Repetitive Forward Surge
Current
I
FSM
71
T
C = 25 °C, tp = 10 ms, Half Sine Wave
Fig. 8
60
T
C = 110 °C,tp = 10 ms, Half Sine Wave
Non-Repetitive Peak Forward
Surge Current
I
F,Max
650
T
C = 25 °C, tp = 10 µs, Pulse
530
T
C = 110°C, tp = 10 µs, Pulse
Power Dissipation
P
tot
107
W
T
J = 25 °C
Fig. 4
46.5
T
J = 110 °C
3rd Generation 650 V, 8 A Silicon Carbide Schottky


Similar Part No. - C3D08065A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
Silicon Carbide Schottky Diode
C3D08065A CREE-C3D08065A Datasheet
291Kb / 2P
Z-RecTM Rectifiers and Zero-Recovery® Rectifiers
C3D08065A CREE-C3D08065A_15 Datasheet
856Kb / 6P
Silicon Carbide Schottky Diode
More results

Similar Description - C3D08065A

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C3D02060A WOLFSPEED-C3D02060A Datasheet
1Mb / 9P
3rd Generation 600 V, 2 A Silicon Carbide Schottky Diode
Rev. 8, March 2023
C3D04060A WOLFSPEED-C3D04060A Datasheet
1Mb / 8P
3rd Generation 600 V, 4 A Silicon Carbide Schottky
Rev. 10, March 2023
C3D04065A WOLFSPEED-C3D04065A Datasheet
1Mb / 9P
3rd Generation 650 V, 4 A Silicon Carbide Schottky Diode
Rev. 7, March 2023
C3D06065A WOLFSPEED-C3D06065A Datasheet
1Mb / 9P
3rd Generation 650 V, 6 A Silicon Carbide Schottky Diode
Rev. 6, March 2023
C3D10065A WOLFSPEED-C3D10065A Datasheet
1Mb / 9P
3rd Generation 650 V, 10 A Silicon Carbide Schottky Diode
Rev. 6, March 2023
C3D12065A WOLFSPEED-C3D12065A Datasheet
1Mb / 9P
3rd Generation 650 V, 12 A Silicon Carbide Schottky Diode
Rev. 1, March 2023
C3D16065A WOLFSPEED-C3D16065A Datasheet
1Mb / 9P
3rd Generation 650 V, 16A Silicon Carbide Schottky
Rev. 1, March 2023
C6D08065A WOLFSPEED-C6D08065A Datasheet
1Mb / 9P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 1, March 2023
C6D08065G WOLFSPEED-C6D08065G Datasheet
1Mb / 6P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 0, JULY 2021
C6D08065Q WOLFSPEED-C6D08065Q Datasheet
679Kb / 7P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 0, DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com