Electronic Components Datasheet Search
  English  ▼

X  

AD71028JST Datasheet(PDF) 16 Page - Analog Devices

Part # AD71028JST
Description  Dual Digital BTSC Encoder with Integrated DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD71028JST Datasheet(HTML) 16 Page - Analog Devices

Back Button AD71028JST Datasheet HTML 12Page - Analog Devices AD71028JST Datasheet HTML 13Page - Analog Devices AD71028JST Datasheet HTML 14Page - Analog Devices AD71028JST Datasheet HTML 15Page - Analog Devices AD71028JST Datasheet HTML 16Page - Analog Devices AD71028JST Datasheet HTML 17Page - Analog Devices AD71028JST Datasheet HTML 18Page - Analog Devices AD71028JST Datasheet HTML 19Page - Analog Devices AD71028JST Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD71028
Rev. 0 | Page 16 of 20
ANALOG OUTPUT SECTION
Figure 11 shows the block diagram of the analog output section
(one of two channels). A series of current sources is controlled
by a digital Σ-∆ modulator. Depending on the digital code from
the modulator, each current source is connected to the sum-
ming junction of either a positive I-to-V converter or a negative
I-to-V converter. Two extra current sources that push instead of
pull are added to set the midscale common-mode voltage.
All current sources are derived from the VREF input pin. The
gain of the AD71028 is directly proportional to the magnitude
of the current sources, and therefore the gain of the AD71028 is
proportional to the voltage on the VREF pin. The nominal
VREF voltage should be set to 2.5 V, using a simple resistive
divider from the analog supply. The VREF and biasing circuits
are common to both DACs.
IREF
IREF
IREF – DIG_IN
IREF + DIG_IN
SWITCHED CURRENT
SOURCES
BIAS
VREF IN
OUT–
OUT+
FROM DIGITAL
Σ–∆ MODULATOR
(DIG_IN)
Figure 11. Internal DAC Analog Architecture
Since the VREF input effectively multiplies the signal, care must
be taken to ensure that no ac signals appear on this pin. This
can be accomplished by using a large decoupling capacitor in
the VREF external resistive divider circuit. If the VREF signal is
derived by dividing the 5 V analog supply, the time constant of
the divider must effectively filter any noise on the supply. If the
VREF signal is derived from an unregulated power amplifier
supply, the time constant must be longer because the ripple on
the amplifier supply voltage will presumably be greater than in
the case of the 5 V supply.
The AD71028 should be used with an external third-order filter
on each output channel. The circuit shown in Figure 12
combines a third-order filter and a single-ended-to-differential
converter in the same circuit. The values shown are for a
100 kHz Bessel filter. The use of a Bessel filter is important to
maintain the time alignment of the pilot to the carrier. If these
signals are not in phase, a loss of separation will occur.
The outputs can also be used single-ended, with some loss of
performance; the DAC distortion may become significantly
poorer, although the SNR will remain quite high.
For best performance, a large (>10 µF) capacitor should be
connected between the FILTCAP pin and analog ground.
1.50k
Ω
2.7nF
499k
Ω
2.2nF
549
Ω
–INPUT
+INPUT
OUT
1nF
1.00k
Ω
3.01k
Ω
2.80k
Ω
806
Ω
820pF
270pF
Figure 12. Recommended External Analog Filter for Each Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com