Electronic Components Datasheet Search
  English  ▼

X  

ADA4850-2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4850-2
Description  High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4850-2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4850-2 Datasheet HTML 5Page - Analog Devices ADA4850-2 Datasheet HTML 6Page - Analog Devices ADA4850-2 Datasheet HTML 7Page - Analog Devices ADA4850-2 Datasheet HTML 8Page - Analog Devices ADA4850-2 Datasheet HTML 9Page - Analog Devices ADA4850-2 Datasheet HTML 10Page - Analog Devices ADA4850-2 Datasheet HTML 11Page - Analog Devices ADA4850-2 Datasheet HTML 12Page - Analog Devices ADA4850-2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADA4850-1/ADA4850-2
Rev. A | Page 9 of 16
–1
0
1
2
3
4
5
6
030
15
45
TIME (
µs)
G = +2
VS = 5V
fIN = 400kHz
VOUT
VDISABLE
Figure 23. Enable/Disable Time
5.5
–0.5
0
1000
TIME (ns)
100
200
300
400
500
600
700
800
900
INPUT
OUTPUT
G = +1
VS = 5V
RL = 150Ω
f = 1MHz
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Figure 24. Input Overdrive Recovery
–0.5
0
1000
TIME (ns)
2.5
100
200
300
400
500
600
700
800
900
5
× INPUT
OUTPUT
3.0
2.0
1.5
1.0
0.5
0
3.5
G = +5
VS = 3V
RL = 150Ω
f = 1MHz
Figure 25. Output Overdrive Recovery
1
100k
10k
100
1k
10
1M
10M
100M
FREQUENCY (Hz)
1000
10
100
Figure 26. Voltage Noise vs. Frequency
1
100k
10k
100
1k
10
1M
10M
100M
1G
FREQUENCY (Hz)
100
10
Figure 27. Current Noise vs. Frequency
350
0
–4
4
VOFFSET (mV)
300
250
200
150
100
50
–3
–2
–1
0123
VS = 5V
N = 1720
x = 450
µV
σ = 750µV
Figure 28. Input Offset Voltage Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com