Electronic Components Datasheet Search
  English  ▼

X  

FKCS2050 Datasheet(PDF) 2 Page - FETek Technology Corp.

Part # FKCS2050
Description  Dual N-Ch Fast Switching MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKCS2050 Datasheet(HTML) 2 Page - FETek Technology Corp.

  FKCS2050 Datasheet HTML 1Page - FETek Technology Corp. FKCS2050 Datasheet HTML 2Page - FETek Technology Corp. FKCS2050 Datasheet HTML 3Page - FETek Technology Corp. FKCS2050 Datasheet HTML 4Page - FETek Technology Corp. FKCS2050 Datasheet HTML 5Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKCS2050
Dual N-Ch Fast Switching MOSFETs
22
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVSSS
Source-Source Breakdown Voltage
VGS=0V , IS=250uA
20
---
---
V
RSS(ON)
Static Source-Source On-State Resistance
VGS=4.5V , IS=1.5A
23
32
36
m
VGS=4.0V , IS=1.5A
25
33
38
VGS=3.7V , IS=1.5A
26
34
41
VGS=3.1V , IS=1.5A
27
36
48
VGS=2.5V , IS=1.5A
31
42
55
VGS(th)
Gate Threshold Voltage
VSS=VGS , IS =250uA
0.5
0.65
1.2
V
ISSS
Zero Gate Voltage Source Current
VSS=20V , VGS=0V
---
---
1
uA
IGSS
Gate-Source Leakage Current
VGS=±8V , VSS=0V
---
---
±10
uA
Gfs
Forward Transconductance
VSS=10V , ID=3.0A
---
5.2
---
S
Qg
Total Gate Charge3
VSS=15V , VGS=4.5V , IS=6A
---
10.4
---
nC
Td(on)
Turn-On Delay Time3
VDD=10V , VGS=4.5V , RG=3.3
IS=3A
---
3.2
---
ns
Tr
Rise Time3
---
9.8
---
Td(off)
Turn-Off Delay Time3
---
31
---
Tf
Fall Time3
---
3.6
---
VFSS
Forward Source-Source Voltage
VGS=0V , IS=1.5A
---
0.72
1.1
V
Note :
1.The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width ≦ 10us , duty cycle ≦ 1%
3.Guaranteed by design, not subject to production testing.
Electrical Characteristics at TA=25℃
Test circuits are example of measuring FET1 sides
Test Circuit 1 VSSS / ISSS
Test Circuit 2 IGSS(+) / (-)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com