Electronic Components Datasheet Search
  English  ▼

X  

BSS76 Datasheet(PDF) 2 Page - Seme LAB

Part # BSS76
Description  HIGH VOLTAGE PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BSS76 Datasheet(HTML) 2 Page - Seme LAB

  BSS76 Datasheet HTML 1Page - Seme LAB BSS76 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LAB
SEME
BSS76
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
nA
—
V
V
MHz
pF
ns
-300
-300
-6
-50
-500
-50
30
45
35
50
35
55
150
40
-0.15
-0.3
-0.25
-0.4
-0.8
-0.9
50
110
200
3.5
45
100
400
V(BR)CEO
Collector – Emitter Breakdown Voltage
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
ICEO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
hFE
DC Current Gain
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
fT
Current Gain Bandwidth Product
Cob
Output Capacitance
Cib
Input Capacitance
ton
Turn–On Time
toff
Turn–Off Time
IC = -10mA
IB = 0
IC = -100µAIE = 0
IE = 100µAIC = 0
VCB = -250V
IE = 0
VCE = -300V
IB = 0
VBE = -5V
IC = 0
VCE = -1V
IC = -1mA
VCE = -10V
IC = -10mA
VCE = -10V
IC = -30mA
VCE = -10V
IC = -100mA
IC = -10mA
IB = -1mA
IC = -30mA
IB = -3mA
IC = -10mA
IB = -1mA
IC = -30mA
IB = -3mA
IC = -20mA
VCE = -20V
f = 20MHz
IE = 0
VCB = -20V
f = 1MHz
IC = 0
VEB = -0.5V
f = 1MHz
IB1 = -10mA
IC = -50mA
VCC = -100V
IB2 = -10mA
IC = -50mA
VCC = -100V
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
* Pulse Test: tp ≤ 300µs , d ≤ 2%.
OFF CHARACTERISTICS
ON CHARACTERISTICS
DYNAMIC CHARACTERISTICS
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5747
Issue 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com