Electronic Components Datasheet Search
  English  ▼

X  

DG2613 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG2613
Description  Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2613 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2613 Datasheet HTML 1Page - Vishay Siliconix DG2613 Datasheet HTML 2Page - Vishay Siliconix DG2613 Datasheet HTML 3Page - Vishay Siliconix DG2613 Datasheet HTML 4Page - Vishay Siliconix DG2613 Datasheet HTML 5Page - Vishay Siliconix DG2613 Datasheet HTML 6Page - Vishay Siliconix DG2613 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 74339
S-61509-Rev. A, 28-Aug-06
Vishay Siliconix
DG2612/2613
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. Typical values are for design aid only, not guaranteed nor subject to production testing.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
f. Guaranteed by 5 V leakage testing, not production tested.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (V+ = 3 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3 V, ± 10 %,VIN = 0.5 V or 1.4 V
e
Tempa
Limits
- 40 to 85 °C
Unit
Minb
Typc
Maxb
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
rON
V+ = 2.7 V, VCOM = - 1 V/0 V/1 V/2 V
INO, INC = 10 mA
Room
Full
1.0
1.4
1.6
Ω
rON Match
d
Δr
ON
Room
0.1
rON Flatness
d
rON
Flatness
Room
0.3
Shunt Switch Resistance
RSH
INO or INC = 10 mA, V+ = 2.7 V, DG2612 only
Full
150
300
Ω
Switch Off Leakage Current
INO(off)
INC(off)
V+ = 3.3 V,
VNO, VNC= 1 V/3 V, VCOM = 3 V/1 V
Room
Full
- 2
- 100
2
100
nA
ICOM(off)
Room
Full
- 2
- 100
2
100
Channel-On Leakage Current
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 1 V/3 V
Room
Full
- 2
- 100
2
100
Digital Control
Input High Voltage
VINH
V+ = 1.8 V to 2.0 V
Full
1.0
V
V+ = 2.7 V to 3.6 V
1.4
V+ = 4.2 V to 5.5 V
2.0
Input Low Voltage
VINL
V+ = 1.8 V to 2.0 V
0.4
V+ = 2.7 V to 3.6 V
0.5
V+ = 4.2 V to 5.5 V
0.8
Input Capacitance
Cin
Full
5
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
1
1
µA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 1.5 V, RL = 50 Ω, CL = 35 pF
Room
Full
34
60
63
ns
Turn-Off Time
tOFF
Room
Full
10
35
37
Break-Before-Make Time
tBBM
Room
4
16
Charge Injectiond (DG2613)
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 Ω
Room
2.4
pC
Off-Isolationd
OIRR
RL = 50 Ω, CL = 5 pF, f = 100 kHz
DG2612
Room
- 61
dB
Crosstalkd
XTALK
Room
- 67
Off-Isolationd
OIRR
RL = 50 Ω, CL = 5 pF, f = 100 kHz
DG2613
Room
- 67
dB
Crosstalkd
XTALK
Room
- 73
NO, NC Off Capacitance
d
CNO(off)
CNC(off)
VIN = 0 or V+, f = 1 MHz
Room
36
pF
Channel-On Capacitanced
CON
Room
95
Power Supply
Power Supply Range
V+
1.8
5.5
V
Power Supply Current
I+
VIN = 0 or V+
0.01
1.0
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com