Electronic Components Datasheet Search
  English  ▼

X  

85EPS Datasheet(PDF) 1 Page - International Rectifier

Part # 85EPS
Description  INPUT RECTIFIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

85EPS Datasheet(HTML) 1 Page - International Rectifier

  85EPS Datasheet HTML 1Page - International Rectifier 85EPS Datasheet HTML 2Page - International Rectifier 85EPS Datasheet HTML 3Page - International Rectifier 85EPS Datasheet HTML 4Page - International Rectifier 85EPS Datasheet HTML 5Page - International Rectifier 85EPS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
I
F(AV)
Sine waveform
@ T
C
= 95° C
I
F(RMS)
160
A
V
RRM
range (*)
800 and 1200
V
I
FSM
1400
A
V
F
@85A,T
J
=25°C
1.15
V
T
J
range
- 40 to 150
°C
Characteristics
85EPS..
Units
85
A
Major Ratings and Characteristics
Description/ Features
The 85EPS.. rectifier
SAFE
IR series has been
optimized for very low forward voltage drop, with
moderate leakage.
The glass passivation technology used has reliable
operation up to 150° C junction temperature.
Available in the new Pow
IRtabTM package, this new
series is suitable for a large range of applications
combining excellent die to footprint ratio and sturdeness
connectivity for use in high current environments.
Bulletin I2139 rev. C 10/02
I
F(RMS) = 160A
V
F
< 1.15V @ 85A
I
FSM
= 1400A
V
RRM
800 and 1200V
SAFE
IR Series
85EPS..
INPUT RECTIFIER DIODE
1
(*)
for higher voltage up to 1600V contact factory
Case Styles
85EPS..
85EPS..J
www.irf.com


Similar Part No. - 85EPS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
85EPF IRF-85EPF Datasheet
144Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
85EPF02 IRF-85EPF02 Datasheet
142Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
85EPF02J IRF-85EPF02J Datasheet
142Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
85EPF04 IRF-85EPF04 Datasheet
142Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
85EPF04J IRF-85EPF04J Datasheet
142Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 85EPS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS IRF-10ETS Datasheet
70Kb / 5P
INPUT RECTIFIER DIODE
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
INPUT RECTIFIER DIODE
80EPS IRF-80EPS Datasheet
80Kb / 6P
INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
INPUT RECTIFIER DIODE
80EPSPBF IRF-80EPSPBF Datasheet
102Kb / 6P
INPUT RECTIFIER DIODE
20ETS08SPBF IRF-20ETS08SPBF Datasheet
176Kb / 7P
INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
Input Rectifier Diode
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
Input Rectifier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com