Electronic Components Datasheet Search
  English  ▼

X  

9874 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9874
Description  Audio, Control & Instrument, #20-6pr, PO, Indiv. Foil, PVC Jkt, CM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9874 Datasheet(HTML) 1 Page - Belden Inc.

  9874 Datasheet HTML 1Page - Belden Inc. 9874 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9874
Audio, Control & Instrument, #20-6pr, PO, Indiv. Foil, PVC Jkt, CM
Product Description
Audio, Control & Instrument Cable, 20 AWG stranded (7x28) tinned copper conductors, polypropylene insulation, 6 twisted pairs, individually shielded with
Beldfoil® (100% coverage), 22 AWG stranded tinned copper drain wire, overall PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
Low Voltage Analog Signals (4-20ma, 0-10v, ...); Low Voltage Digital Control (24v, …); Line Level Audio; Computer Communication; Panel Wiring
Construction Details
Conductor
Element No. of Elements
Size
Stranding
Material
Pair(s)
6
20 AWG 7x28
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
PP - Polypropylene 0.015 in (0.38 mm) 0.066 in (1.7 mm)
Black & Red, Black & White, Black & Green, Black & Blue, Black & Yellow, Black & Brown
Inner Shield
Element Shield Type
Material
Coverage
Drainwire Type
Notes
Pair(s)
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (19x34) TC each pair
Outer Jacket
Separator
Material
Nom. Thickness
Nom. Diameter
Polyester Tape PVC - Polyvinyl Chloride 0.035 in (0.89 mm) 0.445 in (11.3 mm)
Overall Cable Diameter (Nominal):
0.445 in (11.3 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Inner Shield DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other
(Conds + Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
11.3 Ohm/1000ft
11.7 Ohm/1000ft (38.4
Ohm/km)
30 pF/ft (98 pF/m)
55 pF/ft (180 pF/m)
50 Ohm
66%
2.7 Amps per Conductor
at 25ºC
Voltage
UL Voltage Rating
300 V (CM), 30 V (AWM 2919)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C to +80°C
Bend Radius
Stationary Min. Installation Min.


Similar Part No. - 9874

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9874 3M-9874 Datasheet
48Kb / 2P
3MTM Double Coated Medical Tape
Jun-2009
logo
Belden Inc.
9874MN BELDEN-9874MN Datasheet
220Kb / 2P
SpaceMaker™, 6 Pr #20 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
9874MN.004100 BELDEN-9874MN.004100 Datasheet
220Kb / 2P
SpaceMaker™, 6 Pr #20 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
9874MN.0041000 BELDEN-9874MN.0041000 Datasheet
220Kb / 2P
SpaceMaker™, 6 Pr #20 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
9874MN.006100 BELDEN-9874MN.006100 Datasheet
220Kb / 2P
SpaceMaker™, 6 Pr #20 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
More results

Similar Description - 9874

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8778 BELDEN-8778 Datasheet
248Kb / 2P
Audio, Control & Instrument, #22-6pr, PP, Indiv. Foil, PVC Jkt, CM
9774 BELDEN-9774 Datasheet
207Kb / 2P
Audio, Control & Instrument, #18-6pr, PO, Indiv. Foil, PVC Jkt, CM
04-19-2023
9777 BELDEN-9777 Datasheet
169Kb / 2P
Audio, Control & Instrument, #18-15pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9876 BELDEN-9876 Datasheet
169Kb / 2P
Audio, Control & Instrument, #20-11pr, PO, Indiv. Foil, PVC Jkt, CM
05-05-2023
9877 BELDEN-9877 Datasheet
191Kb / 2P
Audio, Control & Instrument, #20-12pr, PO, Indiv. Foil, PVC Jkt, CM
04-19-2023
9879 BELDEN-9879 Datasheet
169Kb / 2P
Audio, Control & Instrument, #20-15pr, PO, Indiv. Foil, PVC Jkt, CM
05-05-2023
9991 BELDEN-9991 Datasheet
158Kb / 2P
Audio, Control & Instrument, #24-6pr, PO, Indiv. Foil, PVC Jkt, CM
05-05-2023
9992 BELDEN-9992 Datasheet
161Kb / 2P
Audio, Control & Instrument, #24-9pr, PO, Indiv. Foil, PVC Jkt, CM
05-05-2023
9873 BELDEN-9873 Datasheet
159Kb / 2P
Audio, Control & Instrument, #20-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9875 BELDEN-9875 Datasheet
211Kb / 2P
Audio, Control & Instrument, #20-9pr, PO, Indiv. Foil, PVC Jkt, CM
04-19-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com