Electronic Components Datasheet Search
  English  ▼

X  

LTMVSG Datasheet(PDF) 1 Page - ams AG

Part # LTMVSG
Description  Small size high-flux LED for slim designs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LTMVSG Datasheet(HTML) 1 Page - ams AG

  LTMVSG Datasheet HTML 1Page - ams AG LTMVSG Datasheet HTML 2Page - ams AG LTMVSG Datasheet HTML 3Page - ams AG LTMVSG Datasheet HTML 4Page - ams AG LTMVSG Datasheet HTML 5Page - ams AG LTMVSG Datasheet HTML 6Page - ams AG LTMVSG Datasheet HTML 7Page - ams AG LTMVSG Datasheet HTML 8Page - ams AG LTMVSG Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LT MVSG
1 Version 1.0 | 2020-03-30
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LT MVSG
Mini TOPLED®
Small size high-flux LED for slim designs
—
Cluster, Button Backlighting
—
Electronic Equipment
—
Transportation, Plane, Ship
—
White Goods
Features:
—
Package: white SMD package, colorless clear silicone resin
—
Chip technology: UX:3
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 529 nm (● true green)
—
Corrosion Robustness Class: 3B
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)


Similar Part No. - LTMVSG

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LTMVSG AMSOSRAM-LTMVSG Datasheet
1Mb / 21P
Mini TOPLED®
More results

Similar Description - LTMVSG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWMTSG-U2V2-4L8N OSRAM-LCWMTSG-U2V2-4L8N Datasheet
704Kb / 23P
Small size high-flux LED for slim designs
LTMTSG-V2CA-35-1 OSRAM-LTMTSG-V2CA-35-1 Datasheet
1Mb / 21P
Small size high-flux LED for slim designs
LWM67C-Q2R2-JKPL-1 OSRAM-LWM67C-Q2R2-JKPL-1 Datasheet
667Kb / 23P
Small size high-flux LED for slim designs
LWM67C-T1U1-FK0KM0-24G6 OSRAM-LWM67C-T1U1-FK0KM0-24G6 Datasheet
675Kb / 23P
Small size high-flux LED for slim designs
LWM673-K2N1-FK0PM0-2 OSRAM-LWM673-K2N1-FK0PM0-2 Datasheet
664Kb / 23P
Small size high-flux LED for slim designs
LWM673-P1R2-FK0PM0 OSRAM-LWM673-P1R2-FK0PM0 Datasheet
669Kb / 23P
Small size high-flux LED for slim designs
LWM673-P1R2-FKPL OSRAM-LWM673-P1R2-FKPL Datasheet
648Kb / 23P
Small size high-flux LED for slim designs
LWMVSG-AYBZ-FK0PM0-Z486 OSRAM-LWMVSG-AYBZ-FK0PM0-Z486 Datasheet
741Kb / 23P
Small size high-flux LED for slim designs
LWMVSG-AZBZ-JKPL-Z486 OSRAM-LWMVSG-AZBZ-JKPL-Z486 Datasheet
688Kb / 23P
Small size high-flux LED for slim designs
LCWMVSG.EC OSRAM-LCWMVSG.EC Datasheet
1Mb / 26P
Small size high-flux LED for slim designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com