Electronic Components Datasheet Search
  English  ▼

X  

TMD37213 Datasheet(PDF) 21 Page - ams AG

Part # TMD37213
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD37213 Datasheet(HTML) 21 Page - ams AG

Back Button TMD37213 Datasheet HTML 17Page - ams AG TMD37213 Datasheet HTML 18Page - ams AG TMD37213 Datasheet HTML 19Page - ams AG TMD37213 Datasheet HTML 20Page - ams AG TMD37213 Datasheet HTML 21Page - ams AG TMD37213 Datasheet HTML 22Page - ams AG TMD37213 Datasheet HTML 23Page - ams AG TMD37213 Datasheet HTML 24Page - ams AG TMD37213 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
Page 20
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Detailed Description
Figure 20:
I²C Timing Characteristics
I²C Timing Diagram
Figure 21:
I²C Timing Diagram
Symbol
Parameter
Min
Type
Max
Unit
fSCL
I²C clock frequency
0400
kHz
tBUF
Bus free time between start and
stop condition
1.3
μs
tHD;STA
Hold time after (repeated) start
condition. After this period, the
first clock is generated
0.6
tSU;STA
Repeated start condition setup
time
0.6
tSU;STO
Stop condition setup time
0.6
tLOW
SCL clock low period
1.3
tHIGH
SCL clock high period
0.6
tHD;DAT
Data hold time
0
ns
tSU;DAT
Data setup time
100
tF
Clock/data fall time
300
tR
Clock/data rise time
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com