Electronic Components Datasheet Search
  English  ▼

X  

C6D08065Q Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # C6D08065Q
Description  6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C6D08065Q Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  C6D08065Q Datasheet HTML 1Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 2Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 3Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 4Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 5Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 6Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. 0, DECEMBER 2021
© 2021 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
C6D08065Q
Package Types: QFN 8x8
Marking: C6D08065Q
Features
• Low Forward Voltage (V
F) Drop with Positive
Temperature Coefficient
• Zero Reverse Recovery Current / Forward
Recovery Voltage
• Temperature-Independent Switching Behavior
• Low Profile Package with Low Inductance
Applications
• Enterprise Power, Server, & Telecom
Power Supplies
• Switched Mode Power Supplies
• Industrial Power Supplies
• Boost Power Factor Correction
• Bootstrap Diode
• LLC Clamping
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Description
With the performance advantages of a Silicon Carbide (SiC)
Schottky Barrier diode, power electronics systems can expect
to meet higher efficiency standards than Si-based solutions,
while also reaching higher frequencies and power densities.
SiC diodes can be easily paralleled to meet various application
demands, without concern of thermal runaway. In combination
with the reduced cooling requirements and improved thermal
performance of SiC products, SiC diodes are able to provide
lower overall system costs in a variety of diverse applications.
Maximum Ratings (T
C = 25°C Unless Otherwise Specified)
Parameter
Symbol
Value
Unit
Test Conditions
Notes
Repetitive Peak Reverse Voltage
V
RRM
650
V
DC Blocking Voltage
V
DC
650
Continuous Forward Current
I
F
28
A
T
J = 25 °C
Fig. 3
14
T
J = 125 °C
8
T
J = 155 °C
Non-Repetitive Peak Forward
Surge Current
I
FSM
55
T
C = 25 °C, tp = 10 ms, Half Sine Wave
51
T
C = 110 °C, tp = 10 ms, Half Sine Wave
Power Dissipation
P
tot
83
W
T
J = 25 °C
Fig. 4
36
T
J = 110 °C
i2t Value
∫ i2t
15
A2s
T
C = 25 °C, tp = 10 ms
13
T
C = 110 °C, tp = 10 ms


Similar Part No. - C6D08065Q

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C6D08065A CREE-C6D08065A Datasheet
728Kb / 6P
Silicon Carbide Schottky Diode
logo
WOLFSPEED, INC.
C6D08065A WOLFSPEED-C6D08065A Datasheet
1Mb / 9P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 1, March 2023
logo
Inchange Semiconductor ...
C6D08065A ISC-C6D08065A Datasheet
317Kb / 2P
SiC Schottky Diode
logo
WOLFSPEED, INC.
C6D08065E WOLFSPEED-C6D08065E Datasheet
642Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. A, 05-2020
C6D08065G WOLFSPEED-C6D08065G Datasheet
1Mb / 6P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 0, JULY 2021
More results

Similar Description - C6D08065Q

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C6D04065A WOLFSPEED-C6D04065A Datasheet
1Mb / 9P
6th Generation 650 V, 4 A Silicon Carbide Schottky Diode
Rev. 1, March 2023
C6D06065G WOLFSPEED-C6D06065G Datasheet
1Mb / 6P
6th Generation 650 V, 6 A Silicon Carbide Schottky Diode
Rev. 0, JULY 2021
C6D08065A WOLFSPEED-C6D08065A Datasheet
1Mb / 9P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 1, March 2023
C6D08065G WOLFSPEED-C6D08065G Datasheet
1Mb / 6P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 0, JULY 2021
C6D10065G WOLFSPEED-C6D10065G Datasheet
1Mb / 6P
6th Generation 650 V, 10 A Silicon Carbide Schottky Diode
Rev. 0, JULY 2021
C6D10065Q WOLFSPEED-C6D10065Q Datasheet
707Kb / 7P
6th Generation 650 V, 10 A Silicon Carbide Schottky Diode
Rev. 0, DECEMBER 2021
C6D20065D1 WOLFSPEED-C6D20065D1 Datasheet
930Kb / 8P
6th Generation 650 V, 20 A Silicon Carbide Schottky Diode
Rev. 0, April 2023
C6D20065H WOLFSPEED-C6D20065H Datasheet
952Kb / 8P
6th Generation 650 V, 20 A Silicon Carbide Schottky Diode
Rev. 0, April 2023
C6D50065D1 WOLFSPEED-C6D50065D1 Datasheet
888Kb / 8P
6th Generation 650 V, 50 A Silicon Carbide Schottky Diode
Rev. 0, March 2023
C6D50065H WOLFSPEED-C6D50065H Datasheet
946Kb / 8P
6th Generation 650 V, 50 A Silicon Carbide Schottky Diode
Rev. 0, April 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com