Electronic Components Datasheet Search
  English  ▼

X  

EPA2162 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA2162
Description  10 Base-T Interface Module for Multiport Repeater Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2162 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA2162 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPA2162 Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
B
C
D
E
F
G
H
I
(J)
K
1.030
.330
.420
.900
.020
.100
.165
.016
.008
.070
.110
1.05
.350
.440
Typ.
.030
Typ.
.185
.022
.012
Typ.
.130
26.16
8.38
10.67
22.86
.508
2.54
4.19
.406
.203
1.78
2.79
26.67
8.89
11.18
Typ.
.762
Typ.
4.70
.559
.305
Typ.
3.30
•
Isolation : meets or exceeds 802.3 IEEE Requirements • Characteristic Filter Impedance : 100
Ω • IL : Referenced @ 5 MHz •
Insertion
Loss
(dB Max.)
Common Mode
Rejection
(dB Min.)
Crosstalk
(dB Min.)
Return
Loss
(dB Min., 100
Ω)
-18
1-10
MHz
@ 30
MHz
-30
@ 100
MHz
-40
@ 200-300
MHz
-30
-35
@ 1-10
MHz
5-10
MHz
@ 30
MHz
@ 50-100
MHz
-1
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
-30
-30
-1
-18
-15
-40
-30
-30
-30
Electrical Parameters @ 25° C
10 Base-T Interface Module for Multiport
Repeater Applications
CSA2162
Rev. B1
5/9/97
• General Purpose 10 Base-T Filter Module •
Recommended for AMD MACE chip 79C940
• Robust construction allows toughest reflow processing •
• Available in SMD, DIP, DIL, and SIP packages •
• Complies with or exceeds IEEE 802.3, 10 Base-T Requirements •
Schematic
Dimensions
Dim.
Min.
Max.
Nom.
(Inches)
(Millimeters)
Min.
Max.
Nom.
Package
EPA2162
E L E C T R O N I C S I N C .
Attenuation
(dB Min.)
Transmit Channel
Receive Channel
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pcainc.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
10
9
2
1
LPF
5
100
Ω
100
Ω
8
7
4
3
LPF
100
Ω
100
Ω
1 : 1
1 : 1
K
H
A
F
E
C
I
PCA
EPA2162
Date Code
G
B
D
(J)
C
L


Similar Part No. - EPA2162

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2163 PCA-EPA2163 Datasheet
24Kb / 1P
Common Mode Choke
EPA2165 PCA-EPA2165 Datasheet
34Kb / 1P
4 Line Common Mode Choke
EPA2165S PCA-EPA2165S Datasheet
25Kb / 1P
4 Line Common Mode Choke
EPA2165S-RC PCA-EPA2165S-RC Datasheet
25Kb / 1P
4 Line Common Mode Choke
EPA2165SE PCA-EPA2165SE Datasheet
27Kb / 1P
4 Line Common Mode Choke
More results

Similar Description - EPA2162

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6104 PCA-EPE6104 Datasheet
66Kb / 2P
10 Base-T Interface Module for Multiport Applications
EPE6052GM PCA-EPE6052GM Datasheet
131Kb / 1P
10 Base-T Interface Module for PC Card Applications
EPE6265S PCA-EPE6265S Datasheet
23Kb / 1P
10 Base-T Multiport Module for CS8904 Dual PHY
EPE6273 PCA-EPE6273 Datasheet
63Kb / 1P
10 Base-T Interface Module for PCI BUS Applications
EPE6275S PCA-EPE6275S Datasheet
102Kb / 1P
10 Base-T Multiport Module for CS8904 Quad PHY
EPE6320S PCA-EPE6320S Datasheet
91Kb / 1P
10 Base-T Multiport Module for CS8904 Quad PHY
EPE6327S PCA-EPE6327S Datasheet
428Kb / 1P
10 Base-T Multiport Module for LXT914
logo
Bothhand USA, LP.
FB2026LF BOTHHAND-FB2026LF Datasheet
68Kb / 1P
10 BASE-T INTERFACE MODULE
logo
PCA ELECTRONICS INC.
EPE6250S PCA-EPE6250S Datasheet
183Kb / 1P
Miniature 10 Base-T Multiport Module
EPE6117 PCA-EPE6117 Datasheet
236Kb / 1P
10 Base-T Multiport Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com