Electronic Components Datasheet Search
  English  ▼

X  

EPA3393 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3393
Description  Common Mode Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3393 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3393 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Common Mode Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Greater or equal to 140
Ω impedance @ 1 GHz
• Add “-LF” after part number for Lead-Free
• Material meets Class 130
• 1500 Vrms Isolation
EPA3393 & EPA3393-LF
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA3393-LF
Rev. A5
2/16/06 FT
Electrical Parameters @ 25° C
1:
2:
3:
4:
5:
6:
7:
8:
1 : Mkr
0.30
1.00
10.00
50.00
100.00
200.00
500.00
1000.00
4.879
10.75
68.08
139.3
166.2
180.3
183.4
172.6
(MHz)
Ω
Zp
4.879
Ω
EPA3393
Ch 1 : Mkr 1
.300 MHz
1 : Reflection
Impedance
50
Ω Ref.
0
Ω C
400
350
300
250
200
50
100
150
Ch 1
Abs
Start 0.300 MHz
Stop 1000.000 MHz
Typical Zp Graph
Schematic
3
1
2
4
5
6
1:1:1 ± 5%
Package
.900
(22.86)
.400
(10.16)
.390
(9.91)
.795/.805
(20.19/20.45)
.025/.035
(.635/.889)
.150 (3.81)
.018/.022
(.457/.559)
.154/.155
(3.68/3.94)
.100
(2.54)
.600
(15.24)
.500
(12.70)
.295/.305
(7.49/7.75)
Pin 1
I.D.
PCA
EPA3393(-LF)
D.C.
DCR
(
Ω Max.)
0.01
OCL
(µH Min.)
2.0
@ 100 KHz, 0.1 Vrms
Interwinding Capacitance
(pF Ref.)
1.3
@ 100 KHz, 0.1 Vrms
Leakage Inductance
(µH Ref.)
0.08
@ 100 KHz, 0.1 Vrms
Impedance
(
Ω Min.)
140
@ 1 GHz
Notes :
1. Lead Finish
2. Peak Solder Rating
(for wave solder process Only)
4. Weight
5. Packaging Information
(Tube)
EPA3393
SnPb
245°C
TBD grams
TBD pcs / tube
EPA3393-LF
Hot Tin Dip (Sn)
260°C
TBD grams
TBD pcs / tube


Similar Part No. - EPA3393

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3390 PCA-EPA3390 Datasheet
18Kb / 1P
Dual Inductor
EPA3390-LF PCA-EPA3390-LF Datasheet
18Kb / 1P
Dual Inductor
More results

Similar Description - EPA3393

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
T60405-R6123-X213 VACUUMSCHMELZE-T60405-R6123-X213 Datasheet
102Kb / 2P
Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com