Electronic Components Datasheet Search
  English  ▼

X  

FKD3018B Datasheet(PDF) 3 Page - FETek Technology Corp.

Part # FKD3018B
Description  N-Ch 30V Fast Switching MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKD3018B Datasheet(HTML) 3 Page - FETek Technology Corp.

  FKD3018B Datasheet HTML 1Page - FETek Technology Corp. FKD3018B Datasheet HTML 2Page - FETek Technology Corp. FKD3018B Datasheet HTML 3Page - FETek Technology Corp. FKD3018B Datasheet HTML 4Page - FETek Technology Corp. FKD3018B Datasheet HTML 5Page - FETek Technology Corp. FKD3018B Datasheet HTML 6Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKD3018B
N-Ch 30V Fast Switching MOSFETs
33
0
2
4
6
8
10
12
0.2
0.4
0.6
0.8
1
VSD , Source-to-Drain Voltage (V)
TJ=150℃
TJ=25℃
0
2
4
6
8
10
0
40
80
120
QG , Total Gate Charge (nC)
VDS=15V
ID=15A
Typical Characteristics
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance vs. G-S Voltage
Fig.3 Source Drain Forward Characteristics
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) vs. TJ
Fig.6 Normalized RDSON vs. TJ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com