Electronic Components Datasheet Search
  English  ▼

X  

LT3468 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3468
Description  Photoflash Capacitor Chargers in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3468 Datasheet(HTML) 5 Page - Linear Technology

  LT3468 Datasheet HTML 1Page - Linear Technology LT3468 Datasheet HTML 2Page - Linear Technology LT3468 Datasheet HTML 3Page - Linear Technology LT3468 Datasheet HTML 4Page - Linear Technology LT3468 Datasheet HTML 5Page - Linear Technology LT3468 Datasheet HTML 6Page - Linear Technology LT3468 Datasheet HTML 7Page - Linear Technology LT3468 Datasheet HTML 8Page - Linear Technology LT3468 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT3468/LT3468-1/LT3468-2
5
sn346812 346812fs
LT3468 Switching Waveform
LT3468/LT3468-1/LT3468-2
Switch Breakdown Voltage
LT3468-1 Switching Waveform
VIN = 3.6V
VOUT = 100V
3468 G19
1µs/DIV
VSW
10V/DIV
IPRI
1A/DIV
VIN = 3.6V
VOUT = 300V
3468 G23
1µs/DIV
VSW
10V/DIV
IPRI
1A/DIV
LT3468 curves use the circuit of Figure 6, LT3468-1
curves use the circuit of Figure 7 and LT3468-2 use the circuit of Figure 8 unless otherwise noted.
TYPICAL PERFOR A CE CHARACTERISTICS
VSW
10V/DIV
IPRI
1A/DIV
1µs/DIV
3468 G21
VIN = 3.6V
VOUT = 100V
VSW
10V/DIV
IPRI
1A/DIV
1µs/DIV
3468 G24
VIN = 3.6V
VOUT = 300V
SWITCH VOLTAGE (V)
0
102030405060708090 100
3468 G25
10
9
8
7
6
5
4
3
2
1
0
T = –40°C
T = 25°C
T = 85°C
SW PIN IS RESISTIVE UNTIL BREAKDOWN
VOLTAGE DUE TO INTEGRATED
RESISTORS. THIS DOES NOT INCREASE
QUIESCENT CURRENT OF PART
VIN = VCHARGE = 5V
LT3468 Switching Waveform
3468 G20
1µs/DIV
VSW
10V/DIV
IPRI
1A/DIV
VIN = 3.6V
VOUT = 300V
LT3468-1 Switching Waveform
VIN = 3.6V
VOUT = 100V
3468 G22
1µs/DIV
VSW
10V/DIV
IPRI
1A/DIV
LT3468-2 Switching Waveform
LT3468-2 Switching Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com