Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0117TR Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0117TR
Description  GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0117TR Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0117TR Datasheet HTML 1Page - Tyco Electronics MASWSS0117TR Datasheet HTML 2Page - Tyco Electronics MASWSS0117TR Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SPDT 2.7 V High Power Switch
DC - 3.0 GHz
MASWSS0117
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Features
• Low Voltage Operation: 2.7 V
• High IP3: +56 dBm
• Low Insertion Loss: 0.30 dB at 1 GHz
• High Isolation: 25 dB at 1 GHz
• SC70 6-Lead Package
• 0.5 micron GaAs PHEMT Process
Description
M/A-COM’s MASWSS0117 is a GaAs PHEMT
MMIC single pole double throw (SPDT) high power
switch in a low cost SC70 6-lead package.
The
MASWSS0117 is ideally suited for applications
where high power, low control voltage, low insertion
loss, high isolation, small size and low cost are
required.
Typical
applications
are
for
CDMA
handset
systems that connect separate transceiver and/or
GPS functions to a common antenna, as well as
other
related
handset
and
general
purpose
applications. The MASWSS0117 can be used in all
systems operating up to 3.0 GHz requiring high
power at low control voltage.
The MASWSS0117 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Functional Block Diagram
V1
RFC
V2
RF1
GND
RF2
39 pF
39 pF
Pin 6
Pin 1
39 pF
Pin Configuration
Pin No.
Pin Name
Description
1
V2
Vcontrol 2
2
RFC
RF Common
3
V1
Vcontrol 1
4
RF1
RF Port 1
5
GND
RF Ground
6
RF2
RF Port 2
Ordering Information1
Part Number
Package
MASWSS0117
Bulk Packaging
MASWSS0117TR
1000 piece reel
MASWSS0117TR-3000
3000 piece reel
MASWSS0117SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
MASWSS0117 orientation in tape
MASWSS0117 Device Marking
DATE CODE
PART NUMBER
PIN 1
PIN 6


Similar Part No. - MASWSS0117TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0117TR MA-COM-MASWSS0117TR Datasheet
82Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0117TR MA-COM-MASWSS0117TR Datasheet
143Kb / 3P
GaAs SPDT 2.7 V High Power Switch
MASWSS0117TR-3000 MA-COM-MASWSS0117TR-3000 Datasheet
82Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0117TR-3000 MA-COM-MASWSS0117TR-3000 Datasheet
143Kb / 3P
GaAs SPDT 2.7 V High Power Switch
More results

Similar Description - MASWSS0117TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-276 MACOM-SW-276 Datasheet
118Kb / 5P
High Power GaAs SPDT Switch DC - 3.0 GHz
MASWSS0204 MACOM-MASWSS0204 Datasheet
187Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASW-008853 MACOM-MASW-008853 Datasheet
134Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0204 MA-COM-MASWSS0204 Datasheet
110Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0006 MA-COM-MASWSS0006 Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0029 MA-COM-MASWSS0029 Datasheet
77Kb / 3P
GaAs SPDT 2.8 V High Power Switch DC - 3.0 GHz
MASWSS0117 MA-COM-MASWSS0117 Datasheet
82Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASW-008853 MA-COM-MASW-008853 Datasheet
115Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
MASWSS0204 MA-COM-MASWSS0204 Datasheet
142Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0204 MA-COM-MASWSS0204_15 Datasheet
546Kb / 4P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com