Electronic Components Datasheet Search
  English  ▼

X  

MIC2203 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2203
Description  High Efficiency 1MHz Synchronous Buck Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2203 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2203 Datasheet HTML 1Page - Micrel Semiconductor MIC2203 Datasheet HTML 2Page - Micrel Semiconductor MIC2203 Datasheet HTML 3Page - Micrel Semiconductor MIC2203 Datasheet HTML 4Page - Micrel Semiconductor MIC2203 Datasheet HTML 5Page - Micrel Semiconductor MIC2203 Datasheet HTML 6Page - Micrel Semiconductor MIC2203 Datasheet HTML 7Page - Micrel Semiconductor MIC2203 Datasheet HTML 8Page - Micrel Semiconductor MIC2203 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
MIC2203
Ordering Information
Part Number
Standard
Pb-Free
Output Voltage
Junction Temperature
Range
Package
MIC2203BMM
MIC2203YMM
Adjustable
-40°C to +125°C
MSOP-10L
MIC2203BML
MIC2203YML
Adjustable
-40°C to +125°C
3mm x 3mm MLF-10L
Pin Configuration
MSOP-10 (MM)
MLF-10 (ML)
Top View
Pin Description
Pin Number
Pin Name
Pin Function
1
SW
Switch (Output): Internal power MOSFET output switches.
2
VIN
Supply Voltage (Input): Requires a bypass capacitor to GND.
3
SYNC_IN
SYNC_IN for the MIC2203, Sync the main switching frequency to a external
clock. Should be tied to ground when not in use.
4
SYNC_OUT
SYNC_OUT a 50ns wide sync pulse to feed into SYNC_IN on MIC2203.
Can be left open or tied to ground when not used.
5
EN
A low level EN will power down the device, reducing the quiescent current to
under 1
µA.
6
FB
Input to the error amplifier, connect to the external resistor divider network to set
the output voltage.
7
BIAS
Internal circuit bias supply, nominally 2.3V. Must be de-coupled to signal ground
and can have a minimum of external DC loading.
8,9,10
GND
Ground
EP
GND
Exposed backside pad, connect to Ground (MLF option only)
December 2004
2
M9999-120604
(408) 955-1690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com