Electronic Components Datasheet Search
  English  ▼

X  

MS2604 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2604
Description  RF& MICROWAVE TRANSISTORS S BAND RADAR APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2604 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2604 Datasheet HTML 1Page - Advanced Power Technology MS2604 Datasheet HTML 2Page - Advanced Power Technology MS2604 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12-05-2002
MS2604
RF& MICROWAVE TRANSISTORS
S BAND RADAR APPLICATIONS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°°°C)
Symbol
Parameter
Value
Unit
VCC
Collector Supply Voltage
46
V
IC
Device Current
4
A
PDISS
Power Dissipation
100
W
TJ
Junction Temperature
200
°°°°C
TSTG
Storage Temperature
-65 to +200
°°°°C
Thermal Data
Thermal Data
Thermal Data
Thermal Data
RTH(J-C)
Junction - Case Thermal Resistance
2.0
°°°°C/W
Features
Features
Features
Features
• 2.7 – 3.1 GHz
• 40 VOLTS
• POUT = 25 WATTS
• GP = 6.2 dB MINIMUM
• GOLD METALLIZATION
• INPUT/OUTPUT MATCHING
• COMMON BASE CONFIGURATION
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
The MS2604 is a silicon NPN bipolar transistor designed
for pulsed S-Band radar applications.
The MS2604 is capable of operation over a wide range of
pulse widths and duty cycles. Internal impedance
matching and gold metalization provide consistent
broadband performance and long term reliability.


Similar Part No. - MS2604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS260 ETC2-MS260 Datasheet
233Kb / 2P
Power Film Resistors
logo
Caddock Electronics, In...
MS260 CADDOCK-MS260 Datasheet
400Kb / 2P
Type MS Power Film Resistors
logo
Advanced Semiconductor
MS2601 ASI-MS2601 Datasheet
46Kb / 1P
NPN RF POWER TRANSISTOR
MS2608 ASI-MS2608 Datasheet
79Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
REV. A
More results

Similar Description - MS2604

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM2729-110 STMICROELECTRONICS-AM2729-110 Datasheet
61Kb / 4P
S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM2931-110 STMICROELECTRONICS-AM2931-110 Datasheet
60Kb / 4P
S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM82731-003 STMICROELECTRONICS-AM82731-003 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Aug-1992
AM82731-025 STMICROELECTRONICS-AM82731-025 Datasheet
60Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Aug-1992
AM82731-050 STMICROELECTRONICS-AM82731-050 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Aug-1992
AM83135-001 STMICROELECTRONICS-AM83135-001 Datasheet
78Kb / 5P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
03-Feb-1997
AM83135-010 STMICROELECTRONICS-AM83135-010 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
27-Jul-1994
AM83135-015 STMICROELECTRONICS-AM83135-015 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
27-Jul-1994
AM83135-030 STMICROELECTRONICS-AM83135-030 Datasheet
57Kb / 3P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Sep-1992
AM83135-040 STMICROELECTRONICS-AM83135-040 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Sep-1992
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com