Electronic Components Datasheet Search
  English  ▼

X  

74HCT166PW Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HCT166PW
Description  8-bit parallel-in/serial out shift register
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT166PW Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HCT166PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT166PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT166PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT166PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT166PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT166PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT166PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT166PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT166PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Nexperia
74HC166; 74HCT166
8-bit parallel-in/serial out shift register
5. Pinning information
5.1. Pinning
74HC166
74HCT166
DS
VCC
D0
PE
D1
D7
D2
Q7
D3
D6
CE
D5
CP
D4
GND
MR
aaa-033054
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Fig. 5. Pin configuration for SOT109-1 (SO16)
74HC166
74HCT166
DS
VCC
D0
PE
D1
D7
D2
Q7
D3
D6
CE
D5
CP
D4
GND
MR
aaa-033055
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Fig. 6. Pin configuration for SOT403-1 (TSSOP16)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
DS
1
serial data input
D0 to D7
2, 3, 4, 5, 10, 11, 12, 14
parallel data inputs
CE
6
clock enable input (active LOW)
CP
7
clock input (LOW-to-HIGH edge-triggered)
GND
8
ground (0 V)
MR
9
asynchronous master reset (active LOW)
Q7
13
serial output from the last stage
PE
15
parallel enable input (active LOW)
VCC
16
positive supply voltage
74HC_HCT166
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 9 August 2021
4 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com