Electronic Components Datasheet Search
  English  ▼

X  

74HCT238 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HCT238
Description  3-to-8 line decoder/demultiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT238 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HCT238 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT238 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT238 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT238 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT238 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT238 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT238 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT238 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT238 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Nexperia
74HC238; 74HCT238
3-to-8 line decoder/demultiplexer
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
Inputs
Outputs
E1
E2
E3
A0
A1
A2
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
H
X
X
X
X
X
L
L
L
L
L
L
L
L
X
H
X
X
X
X
L
L
L
L
L
L
L
L
X
X
L
X
X
X
L
L
L
L
L
L
L
L
L
L
H
L
L
L
H
L
L
L
L
L
L
L
L
L
H
H
L
L
L
H
L
L
L
L
L
L
L
L
H
L
H
L
L
L
H
L
L
L
L
L
L
L
H
H
H
L
L
L
L
H
L
L
L
L
L
L
H
L
L
H
L
L
L
L
H
L
L
L
L
L
H
H
L
H
L
L
L
L
L
H
L
L
L
L
H
L
H
H
L
L
L
L
L
L
H
L
L
L
H
H
H
H
L
L
L
L
L
L
L
H
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+7
V
IIK
input clamping current
VI < -0.5 V or VI > VCC + 0.5 V
[1]
-
±20
mA
IOK
output clamping current
VO < -0.5 V or VO > VCC + 0.5 V
[1]
-
±20
mA
IO
output current
-0.5 V < VO < VCC + 0.5 V
-
±25
mA
ICC
supply current
-
50
mA
IGND
ground current
-50
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
[2]
-
500
mW
[1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] For SOT109-1 (SO16) package: Ptot derates linearly with 12.4 mW/K above 110 °C.
For SOT403-1 (TSSOP16) package: Ptot derates linearly with 8.5 mW/K above 91 °C.
For SOT763-1 (DHVQFN16) package: Ptot derates linearly with 11.2 mW/K above 106 °C.
74HC_HCT238
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 7 — 2 September 2021
4 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com