Electronic Components Datasheet Search
  English  ▼

X  

74HCT280PW Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HCT280PW
Description  9-bit odd/even parity generator/checker
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT280PW Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HCT280PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT280PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT280PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT280PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT280PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT280PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT280PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCT280PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HCT280PW Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Nexperia
74HC280; 74HCT280
9-bit odd/even parity generator/checker
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter Conditions
Min Typ Max
Min
Max
Min
Max
Unit
74HCT280
In to PE; see Fig. 5
[1]
VCC = 4.5 V
-
21
42
-
53
-
63
ns
VCC = 5.0 V; CL = 15 pF
-
18
-
-
-
-
-
ns
In to PO; see Fig. 5
VCC = 4.5 V
-
26
45
-
56
-
68
ns
tpd
propagation
delay
VCC = 5.0 V; CL = 15 pF
-
22
-
-
-
-
-
ns
see Fig. 5
[2]
tt
transition
time
VCC = 4.5 V
-
7
15
-
19
-
22
ns
CPD
power
dissipation
capacitance
per package;
VI = GND to VCC - 1.5 V
[3]
-
65
-
-
-
-
-
pF
[1] tpd is the same as tPHL and tPLH.
[2] tt is the same as tTHL and tTLH.
[3] CPD is used to determine the dynamic power dissipation (PD in μW):
PD = CPD × VCC 2 × fi × N + ∑(CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(CL × VCC 2 × fo) = sum of outputs.
10.1. Waveforms and test circuit
aaa-024427
In input
VI
GND
VOH
VOL
PE, PO output
tTHL
tTLH
VM
VM
VX
VY
tPHL
tPLH
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 5. Input (In) to output (PE, PO) propagation delays and output transition times
Table 8. Measurement points
Input
Output
Type
VM
VM
VX
VY
74HC280
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT280
1.3 V
1.3 V
0.1VCC
0.9VCC
74HC_HCT280
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 4 — 16 August 2021
7 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com