Electronic Components Datasheet Search
  English  ▼

X  

74HC85PW Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC85PW
Description  4-bit magnitude comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC85PW Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC85PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC85PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC85PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC85PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC85PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC85PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC85PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC85PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC85PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Nexperia
74HC85; 74HCT85
4-bit magnitude comparator
6. Pinning information
6.1. Pinning
74HC85
74HCT85
B3
VCC
IA<B
A3
IA=B
B2
IA>B
A2
QA>B
A1
QA=B
B1
QA<B
A0
GND
B0
aaa-028462
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Fig. 5. Pin configuration SOT109-1 (SO16)
74HC85
74HCT85
B3
VCC
IA<B
A3
IA=B
B2
IA>B
A2
QA>B
A1
QA=B
B1
QA<B
A0
GND
B0
aaa-028463
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Fig. 6. Pin configuration SOT403-1 (TSSOP16)
6.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
IA<B
2
A<B expansion input
IA=B
3
A=B expansion input
IA>B
4
A>B expansion input
QA>B
5
A>B output
QA=B
6
A=B output
QA<B
7
A<B output
A0, A1, A2, A3
10, 12, 13, 15
word A inputs
B0, B1, B2, B3
9, 11, 14, 1
word B inputs
GND
8
ground (0 V)
VCC
16
supply voltage
74HC_HCT85
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 4 — 4 August 2021
4 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com