Electronic Components Datasheet Search
  English  ▼

X  

PI6C2501 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C2501
Description  Phase-Locked Loop Clock Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2501 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C2501 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2501 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2501 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2501 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8381A
07/17/00
ProductPinConfiguration
Logic Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2501
Phase-Locked Loop Clock Driver
ProductFeatures
• High-Performance,Phase-Locked-LoopClockDistribution
• Allows Clock Input to have Spread Spectrum modulation
for EMI reduction
• Zero Input-to-Output delay
• Lowjitter:Cycle-to-Cyclejitter±100psmax.
• On-chip series damping resistor at clock output drivers
for low noise and EMI reduction
• Operates at 3.3V VCC
• Wide range of Clock Frequencies up to 80 MHz
• Package: Plastic 8-pin SOIC (W)
Product Description
The PI6C2501 features a low-skew, low-jitter, phase-locked loop
(PLL) clock driver. By connecting the CLK_OUT output to the
feedback FB_IN input, the propagation delay from the CLK_IN
input to CLK_OUT output will be nearly zero.
Application
If a system designer needs more than 16 outputs with the features
just described, using two or more zero-delay buffers, such as the
PI6C2509Q, or PI6C2510Q, is likely to be impractical. The
device-to-device skew introduced can significantly reduce the
performance. Pericom recommends using a zero-delay buffer and
an eighteen output non-zero-delay buffer. As shown in Figure 1,
this combination produces a zero-delay buffer with all the signal
characteristics of the original zero-delay buffer, but with as many
outputs as the non-zero-delay buffer part. For example, when
combined with an eighteen output non-zero delay buffer, a system
designer can create a seventeen-output zero-delay buffer.
Figure 1. This Combination Provides Zero-Delay Between
the Reference Clock Signal and 17 Outputs
17
Zero Delay
Buffer
PI6C2501
Reference
Clock
Signal
Feedback
CLK_OUT
18 Outputs
Non-PLL
Buffer
C
1
2
3
VCC
4
CLK_OUT
CLK_IN
GND
FB_IN
8
7
6
5
AGND
GND
AVCC
8-Pin
W
CLK_IN
FB_IN
PLL
AVCC
CLK_OUT


Similar Part No. - PI6C2501

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501AW PERICOM-PI6C2501AW Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501AWE PERICOM-PI6C2501AWE Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
More results

Similar Description - PI6C2501

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
logo
Texas Instruments
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2402 PERICOM-PI6C2402 Datasheet
371Kb / 4P
Phase-Locked Loop Clock Driver
logo
Texas Instruments
CDCVF857 TI1-CDCVF857_16 Datasheet
1Mb / 22P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF857 TI1-CDCVF857_17 Datasheet
1Mb / 23P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
logo
Renesas Technology Corp
CSPT855 RENESAS-CSPT855 Datasheet
265Kb / 11P
2.5V PHASE LOCKED LOOP CLOCK DRIVER
NOVEMBER 2008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com