Electronic Components Datasheet Search
  English  ▼

X  

MLP7130 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MLP7130
Description  Limiter Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MLP7130 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MLP7130 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLP7130 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Control Devices: MLP 7100 Series
Electrical Characteristics
35
Maximum Ratings
Operating Temperature
-55°C to +150°C
Maximum Leakage Current
0.5 mA at 88% of minimum rated breakdown
Max. Peak
Leakage
2
Pin
Typical
Pout
Insertion Loss
3
CW
4
Recovery
5
@1.0
µs
Threshold
2
TYP
TYP
Pin
Time, Typ
Part
(dBm)
(dB)
(dBm)
(dB)
MAX (W)
(nS)
Number
+50
+10
+22
0.1
21
0
MLP7100
+53
+10
+24
0.2
31
0
MLP7101
+56
+10
+25
0.2
41
0
MLP7102
+53
+15
+27
0.1
32
0
MLP7110
+56
+15
+29
0.2
42
0
MLP7111
+59
+15
+31
0.2
52
0
MLP7112
+60
+20
+39
0.1
55
0
MLP7120
+63
+20
+41
0.2
10
50
MLP7121
+66
+20
+44
0.2
15
50
MLP7122
+47
+7
+19
0.1
2
5
MLP7130
+50
+7
+22
0.1
3
5
MLP7131
+47
+12
+24
0.1
3
10
MLP7140
+50
+12
+27
0.1
4
10
MLP7141
Vb
Cj0
Cj6
Rs Typ
6
Rs Typ
6
Tl
θp
1
Maximum
TYP
TYP
MAX
@ 10 mA
@ 10 mA
TYP
TYP
Thermal Resistance
Part
(V)
(pF)
(pF)
(
Ω)(Ω)
(nS)
(°C/W)
(°C/W)
Number
20-45
0.20
0.15
1.5
5.0
5
20
100
MLP7100
-
0.50
0.30
1.2
4.5
10
12
80
MLP7101
-
0.70
0.50
1.0
4.0
10
10
55
MLP7102
45-75
0.20
0.15
1.5
4.0
10
15
80
MLP7110
-
0.50
0.30
1.2
3.5
15
10
60
MLP7111
-
0.70
0.50
1.0
3.0
20
6
40
MLP7112
120-180
0.20
0.15
1.5
3.5
50
1.2
40
MLP7120
-
0.60
0.30
1.0
3.0
50
0.5
20
MLP7121
-
0.80
0.50
0.5
3.0
100
0.3
15
MLP7122
15-30
0.12
0.10
2.0
4.0
530
12
0
MLP7130
-
0.20
0.15
1.5
3.0
520
8
0
MLP7131
30-60
0.12
0.10
2.0
4.0
720
10
0
MLP7140
-
0.20
0.15
1.5
4.0
715
7
0
MLP7141
MicroMetrics, Inc. 136 Harvey Road, Building C, Londonderry, NH 03053
Voice: 603-641-3800, Fax: 603-641-3500, Internet: www.micrometrics.com, E-mail: serv@micrometrics.com
Notes:
1. Pulsed thermal impedance is given for a 1 µs pulse. CW thermal impedance presumes infinite heat sink.
2. Threshold input power produces 1 dB increase in insertion loss. Figure shows typical leakage power curves. Data taken
for 1.0 GHz.
3. Chip loss can be represented as a resistance in shunt with the junction capacitance. Rp is measured at 3 GHz, zero
Bias. Loss data shown are for 10 GHz for 0.15 and 0.30 pF chips, 5 GHz for 0.50 pF chips. Loss is measured at -10
dBm input.
4. Note that CW power and average power are not synonymous. Power ratings are computed in terms of a peak
junction temperature of 200°C, for short pulses, an average junction temperature of 125°C, and an ambient of 25°C.
Duty factor 0.001 assumed for maximum pulse power input. Figure shows power derating with temperature.
5. Recovery time is measured with ground return (less than 1.0 Ohm) to 1 dB excess loss, at 1 GHz.
6. Series resistance is measured at 500 MHz.
7. Limiter diodes with higher capacitance and/or higher breakdown voltage for very high power applications are
available on request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com