Electronic Components Datasheet Search
  English  ▼

X  

50031LS Datasheet(PDF) 1 Page - Belden Inc.

Part # 50031LS
Description  RS485 FR, 1P 16AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWA, LSZH Outer Jkt, IEC60331-23, ABS Approved
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

50031LS Datasheet(HTML) 1 Page - Belden Inc.

  50031LS Datasheet HTML 1Page - Belden Inc. 50031LS Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 50031LS
RS485 FR, 1P 16AWG Str TC, MGT, XLPE Ins, OS+TC Brd, LSZH Inner Jkt,
SWA, LSZH Outer Jkt, IEC60331-23, ABS Approved
Product Description
RS-485 Fire Resistant, 1PR x 16AWG Stranded Tinned Copper, Mica Glass Tape, Electron-Beam Cross Linked Polyethylene Insulation, Overall Foil Plus
Tinned Copper Braid Shield, Low Smoke Zero Halogen Inner Jacket, Steel Wire Armor, Low Smoke Zero Halogen Outer Jacket, IEC60331-23 Fire Resistant
Rating, ABS Approved
Technical Specifications
Product Overview
Suitable Applications:
Designed for applications which are used for RS 232/422/485, CANBUS, MODBUS communication protocols. Cable applications include motion oriented machine, machine control
networks, temperature controllers, control panels, machine cutting tools, auxiliary equipment, SCADA communications, etc. These cables are used in emergency evacuation / shutdown
systems in building automation, offshore, oil & gas and railway applications and are flame retardant according to IEC 60332-3-22 Category A
Construction Details
Conductor
Size
Stranding
Material
16 AWG Stranded
TC - Tinned Copper
Insulation
Material
Color Code
Notes
Mica Glass Tape
XLPE
White & Blue *XLPE (Electron-Beam Cross Linked Polyethylene)
Outer Shield
Shield Type
Material
Drainwire Type
Tape
Bi-Laminate (Alum+Poly)
Braid
Tinned Copper (TC)
19 AWG (7x27) TC
Inner Jacket
Material
LSZH - Low Smoke Zero Halogen (Flame Retardant)
Armor
Armor Type & Material
SWA - Steel Wire Armor
Outer Jacket
Material
LSZH - Low Smoke Zero Halogen (Flame Retardant)
Overall Cable
Diameter (Nominal):
17.1 mm (0.673 in)
Electrical Characteristics
Electricals
Nom. Conductor DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedence
14.6 Ohm/km (4.45 Ohm/1000ft) 46 pF/m (14 pF/ft)
82 pF/m
120 Ohm
Table Notes:
Nom. Inductance to Resistance ratio (L/R): 25 µH/Ω


Similar Part No. - 50031LS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
50031LB BELDEN-50031LB Datasheet
152Kb / 2P
RS485 FR, 1P 16AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWB, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50031LB-0101000M BELDEN-50031LB-0101000M Datasheet
152Kb / 2P
RS485 FR, 1P 16AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWB, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50031LB-010500M BELDEN-50031LB-010500M Datasheet
152Kb / 2P
RS485 FR, 1P 16AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWB, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50031LB-0601000M BELDEN-50031LB-0601000M Datasheet
152Kb / 2P
RS485 FR, 1P 16AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWB, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50031LB-060500M BELDEN-50031LB-060500M Datasheet
152Kb / 2P
RS485 FR, 1P 16AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWB, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
More results

Similar Description - 50031LS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
50001L BELDEN-50001L Datasheet
152Kb / 2P
RS485 FR, 1P 22AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
01-23-2023
50011LS BELDEN-50011LS Datasheet
149Kb / 2P
RS485, 1P 24AWG Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWA,LSZH Outer Jkt, ABS Approved
01-23-2023
50021L BELDEN-50021L Datasheet
152Kb / 2P
RS485 FR, 1P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
01-23-2023
50022LB BELDEN-50022LB Datasheet
153Kb / 2P
RS485 FR, 2P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWB, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50051L BELDEN-50051L Datasheet
152Kb / 2P
RS485 FR, 1P18AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Jkt,IEC60331-23, ABS Approved
02-01-2023
50071LS BELDEN-50071LS Datasheet
148Kb / 2P
RS485, 1P 18AWG Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWA,LSZH Outer Jkt, ABS Approved
01-23-2023
50012LS BELDEN-50012LS Datasheet
149Kb / 2P
RS485, 2P 24AWG Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWA,LSZH Outer Jkt, ABS Approved
01-23-2023
50022LS BELDEN-50022LS Datasheet
154Kb / 2P
RS485 FR, 2P 20AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWA, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50031LB BELDEN-50031LB Datasheet
152Kb / 2P
RS485 FR, 1P 16AWG Str TC, MGT, XLPE Ins, OSTC Brd, LSZH Inner Jkt,SWB, LSZH Outer Jkt, IEC60331-23, ABS Approved
01-23-2023
50091LS BELDEN-50091LS Datasheet
148Kb / 2P
RS485, 1P 22AWG Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWA,LSZH Outer Jkt, ABS Approved
01-23-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com