Electronic Components Datasheet Search
  English  ▼

X  

50071LS Datasheet(PDF) 1 Page - Belden Inc.

Part # 50071LS
Description  RS485, 1P 18AWG Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWA,LSZH Outer Jkt, ABS Approved
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

50071LS Datasheet(HTML) 1 Page - Belden Inc.

  50071LS Datasheet HTML 1Page - Belden Inc. 50071LS Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 50071LS
RS485, 1P 18AWG Str TC, XLPE Ins, OS+TC Brd, LSZH Inner Jkt, SWA,
LSZH Outer Jkt, ABS Approved
Product Description
RS-485, 1PR x 20AWG Stranded Tinned Copper, Foamed Electron-Beam Cross Linked Polyethylene Insulation, Overall Foil Plus Tinned Copper Braid
Shield, Low Smoke Zero Halogen Inner Jacket, Steel Wire Armor, Low Smoke Zero Halogen Outer Jacket, ABS Approved
Technical Specifications
Product Overview
Suitable Applications:
Designed for applications which are used for RS 232/422/485, CANBUS, MODBUS communication protocols. Cable applications include motion oriented machine, machine control
networks, temperature controllers, control panels, machine cutting tools, auxiliary equipment, SCADA communications, etc. These cables are used in emergency evacuation / shutdown
systems in building automation, offshore, oil & gas and railway applications and are flame retardant according to IEC 60332-3-22 Category A
Construction Details
Conductor
Size
Stranding
Material
18 AWG Stranded
TC - Tinned Copper
Insulation
Material
Color Code
EB-XLFMPE White & Blue
Outer Shield
Shield Type
Material
Drainwire Type
Tape
Bi-Laminate (Alum+Poly)
Braid
Tinned Copper (TC)
21 AWG (7x29) TC
Inner Jacket
Material
LSZH - Low Smoke Zero Halogen (Flame Retardant)
Armor
Armor Type & Material
SWA - Steel Wire Armor
Outer Jacket
Material
LSZH - Low Smoke Zero Halogen (Flame Retardant)
Overall Cable
Diameter (Nominal):
12.3 mm (0.484 in)
Electrical Characteristics
Electricals
Nom. Conductor DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedence
Max. Current
23.2 Ohm/km (7.07 Ohm/1000ft) 46 pF/m (14 pF/ft)
82 pF/m
120 Ohm
2.1 Amps per conductor at 25°C
Table Notes:
Nom. Inductance to Resistance ratio (L/R): 25 µH/Ω
Voltage


Similar Part No. - 50071LS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
50071L BELDEN-50071L Datasheet
147Kb / 2P
RS485, 1P 18AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50071L-0101000M BELDEN-50071L-0101000M Datasheet
147Kb / 2P
RS485, 1P 18AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50071L-010500M BELDEN-50071L-010500M Datasheet
147Kb / 2P
RS485, 1P 18AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50071L-0601000M BELDEN-50071L-0601000M Datasheet
147Kb / 2P
RS485, 1P 18AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50071L-060500M BELDEN-50071L-060500M Datasheet
147Kb / 2P
RS485, 1P 18AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
More results

Similar Description - 50071LS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
50011LS BELDEN-50011LS Datasheet
149Kb / 2P
RS485, 1P 24AWG Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWA,LSZH Outer Jkt, ABS Approved
01-23-2023
50064LS BELDEN-50064LS Datasheet
149Kb / 2P
RS485, 4P 20AWG Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWA,LSZH Outer Jkt, ABS Approved
01-23-2023
50074LB BELDEN-50074LB Datasheet
149Kb / 2P
RS485, 4P 18AWG, Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWB,LSZH Outer Jkt, ABS Approved
01-23-2023
50094LS BELDEN-50094LS Datasheet
149Kb / 2P
RS485, 4P 22AWG Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWA,LSZH Outer Jkt, ABS Approved
01-23-2023
50012LS BELDEN-50012LS Datasheet
149Kb / 2P
RS485, 2P 24AWG Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWA,LSZH Outer Jkt, ABS Approved
01-23-2023
50071L BELDEN-50071L Datasheet
147Kb / 2P
RS485, 1P 18AWG Str TC, XLPE Ins, OSTC Brd, LSZH Jkt, ABS Approved
01-23-2023
50072LB BELDEN-50072LB Datasheet
148Kb / 2P
RS485, 2P 18AWG, Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWB,LSZH Outer Jkt, ABS Approved
01-23-2023
50072LS BELDEN-50072LS Datasheet
148Kb / 2P
RS485, 2P 18AWG, Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWA,LSZH Outer Jkt, ABS Approved
01-23-2023
50091LS BELDEN-50091LS Datasheet
148Kb / 2P
RS485, 1P 22AWG Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWA,LSZH Outer Jkt, ABS Approved
01-23-2023
50092LS BELDEN-50092LS Datasheet
148Kb / 2P
RS485, 2P 22AWG Str TC, XLPE Ins, OSTC Brd, LSZH Inner Jkt, SWA,LSZH Outer Jkt, ABS Approved
01-23-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com