Electronic Components Datasheet Search
  English  ▼

X  

SS51T Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SS51T
Description  Surface Mount Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS51T Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SS51T Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS51T Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS51T Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS51T Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Hall Effect Products
Surface Mount Sensors
SS5 Series
2 Honeywell
• MICRO SWITCH Sensing and Control
For application help: call 1-800-537-6945
ABSOLUTE MAXIMUM RATINGS
Catalog Listing
SS51T
SS500
Supply Voltage
-28 to +28 VDC
-1 to +30 VDC
Voltage externally
applied to output
+28 VDC max. (OFF
condition only)
-0.5 VDC min. (OFF or ON
condition)
+30 VDC max. (OFF
condition only)
Output ON Current
20 mA max.
50 mA max.
Temperature Limits
Operating
-40 to +150
°C (-40 to
+302
°F)
-50 to +160
°C (-46 to
+320
°F)
Storage
-40 to +150
°C (-40 to
+302
°F)
-65 to +160
°C (-54 to
+320
°F
Magnetic Flux
No limit. Circuit cannot be
damaged by magnetic
overdrive.
No limit. Circuit cannot be
damaged by magnetic
overdrive.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operations section for extended
periods of time may affect reliability.
OPERATING CHARACTERISTICS
SS51T
SS500
Remarks
Supply Voltage
4.5 to 24 VDC
3.8 to 30 VDC
Current Consumption (Ioff)
10 mA
10 mA
Max over temp
Output Voltage (operated)
0.4 V
0.4 V
Sinking 20 mA
max.
Output Current (operated)
20 mA
20mA
Output Leakage Current
10
µA10µA
Output Switching Time
Rise, 10 to 90%
Fall, 90 to 10%
1.5
µs
1.5
µs
1.5
µs
1.5
µs
VCC = 12 V,
RL = 1.6 K Ohm,
CL = 20 pF
WIRING DIAGRAMS
Operating Temperature;
°C
-40 to +150
°C
-40 to +150
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com