Electronic Components Datasheet Search
  English  ▼

X  

TLMS3302 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TLMS3302
Description  Power SMD LED in PLCC-2 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS3302 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TLMS3302 Datasheet HTML 3Page - Vishay Siliconix TLMS3302 Datasheet HTML 4Page - Vishay Siliconix TLMS3302 Datasheet HTML 5Page - Vishay Siliconix TLMS3302 Datasheet HTML 6Page - Vishay Siliconix TLMS3302 Datasheet HTML 7Page - Vishay Siliconix TLMS3302 Datasheet HTML 8Page - Vishay Siliconix TLMS3302 Datasheet HTML 9Page - Vishay Siliconix TLMS3302 Datasheet HTML 10Page - Vishay Siliconix TLMS3302 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.vishay.com
10
Document Number 83201
Rev. 1.4, 31-Aug-04
VISHAY
TLMK / O / S / Y330.
Vishay Semiconductors
Package Dimensions in mm
Figure 29. Change of Dominant Wavelength vs. Forward Current
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
10
20
30
40
50
60
70
80
90 100
17043
IF - Forward Current ( mA )
Red
Figure 30. Forward Current vs. Pulse Length
0.00
0.02
0.04
0.06
0.08
0.10
0.12
tp - Pulse Length (s)
10-5 10-4 10-3 10-2 10-1 100
101
102
tp/T = 0.005
0.05
0.5
17044
95 11314
Mounting Pad Layout
3.5 ± 0.2
Pin identification
∅ 2.4
3
+ 0.15
1.2
1.6 (1.9)
4
area covered with
solder resist
Dimensions: IR and Vaporphase
(Wave Soldering)
technical drawings
according to DIN
specifications
Drawing-No. : 6.541-5025.01-4
Issue: 7; 05.04.04
CA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com