Electronic Components Datasheet Search
  English  ▼

X  

W21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # W21
Description  Vitreous Enamelled Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

W21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  W21 Datasheet HTML 1Page - List of Unclassifed Manufacturers W21 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical Data
Commercial
W21
W215
W22
W23
W24
Power rating at 25°C
watts
3.0
5.0
7.0
10.0
14.0
Resistance range at
1% tolerance
ohms
1 to 10k
1 to 15k
1 to 22k
1 to 60k
1 to 100k
2% tolerance
ohms
0.5 to 10k
0.5 to 15k
0.5 to 22k
1 to 60k
1 to 100k
5% tolerance
ohms
0.1 to 10k
0.1 to 15k
0.1 to 22k
0.15 to 60k
0.2 to 100k
TCR (-55° to 200°C)
pp/°C
Typically: <+75
Maximum: +200
Approved BS CECC 40-201-002
Style
JB
HB
KB
LB
MB
Power rating at 25°C
watts
2.9
5.0
7.0
10.0
14.0
Power rating at 70°C
watts
2.5
4.3
6.0
9.0
12.0
Resistance range at
1% tolerance
ohms
1 to 10k
1 to 15k
1 to 20k
1 to 56k
1 to 100k
2% tolerance
ohms
0.5 to 10k
0.5 to 15k
0.5 to 20k
1 to 56k
1 to 100k
5% tolerance
ohms
0.1 to 10k
0.1 to 15k
0.1 to 20k
0.15 to 56k
0.2 to 100k
TCR (-55° to 200°C)
ppm/°C
≥5 ohms < 10 ohms: ±400
≥10 ohms: ±200
Applicable to commercial and approved ranges
Limiting element voltage
volts
100
160
200
500
750
Standard values
E24 preferred. Other values to special order
Thermal impedance
°C/watt
88
58
44
29
22
Ambient temperature range
°C
-55 to 200
Physical Data
Dimensions (mm) & weight (g)
Type
L max
D max
f min
d nom
Wt.nom
W21
12.7
5.6
22.75
0.8
1
W215
22.0
7.0
23.1
0.8
2
W22
22.0
8.0
23.1
0.8
2
W23
38.0
8.0
-
0.8
3.5
W24
53.5
8.0
-
0.8
5
CONSTRUCTION
A high purity ceramic substrate is assembled with interference fit end caps to which
are welded the termination wires. The resistive element is wound on the substrate
and welded to the caps; the vitreous enamel protective coating is then applied.
TERMINATIONS
Material
Copper clad steel wire, nickel plated and solder-coated.
Strength
The terminations meet the requirements of IEC 68.2.21.
Solderability
The terminations meet the requirements of IEC 115-1,–
Clause 4.17.3.2.
Length
W23’s and W24’s are not supplied on tape.
Minimum lead length is 30 mm.
MARKING
The resistors are legend marked with type reference, resistance value and tolerance.
Values are marked in accordance with IEC 62.
SOLVENT RESISTANCE
The body protection and marking are resistant to all normal industrial cleaning
solvents suitable for printed circuits.
© Welwyn Components Limited
Bedlington, Northumberland NE22 7AA, England Tel: 01670 822181 Fax: 01670 829465 Web: http://www.Welwyn-TT.co.uk
Issue A 07/99
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
Vitreous Enamelled
Wirewound Resistors
W20 SERIES
● All welded construction
● High purity ceramic substrate
● Impervious lead free vitreous enamel coating
● High power dissipation for size
● High stability and reliability
● Suitable for harsh environments
● Overload characteristics ideal
for protection circuits
L
D
f
d dia
0
5
10
15
20
W21
W215
W22
W23
W24
400
300
200
100
0
Dissipation – Watts


Similar Part No. - W21

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
W21 WELWYN-W21 Datasheet
80Kb / 2P
Vitreous Enamelled Wirewound Resistors
W21 WELWYN-W21 Datasheet
1Mb / 3P
Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W21 TTELEC-W21 Datasheet
597Kb / 3P
Vitreous Enamelled Wirewound Resistors
06.18
W21 TTELEC-W21 Datasheet
590Kb / 3P
Vitreous Enamelled Wirewound Resistors
10.19
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
Vitreous Enamelled Wirewound Resistors
More results

Similar Description - W21

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
Vitreous Enamelled Wirewound Resistors
W20 WELWYN-W20 Datasheet
80Kb / 2P
Vitreous Enamelled Wirewound Resistors
V700 WELWYN-V700 Datasheet
141Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W23-10KJI ETC1-W23-10KJI Datasheet
379Kb / 3P
Vitreous Enamelled Wirewound Resistors
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
Vitreous Enamelled Wirewound Resistors
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
Vitreous Enamelled Wirewound Resistors
2011/65/EU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com