Electronic Components Datasheet Search
  English  ▼

X  

TS4148 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TS4148
Description  0.3 AMPS High Speed Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TS4148 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TS4148 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS4148 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS4148 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TSC
Rev. 1 06/2003
Device has been marked indelibly and legibly
As follow
Package Name
Packing
Device Marking
Packing
TS4148 - 1206 - R7T4
Type
- Size - Packing
R7
7" (180mm) Reel
5,000 pcs/reel
R13 13" (330mm) Reel 15,000 pcs/reel
T4
4mm Pitch Paper Tape



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com