Electronic Components Datasheet Search
  English  ▼

X  

CDB4265 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CDB4265
Description  Evaluation Board for CS4265
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4265 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CDB4265 Datasheet HTML 12Page - Cirrus Logic CDB4265 Datasheet HTML 13Page - Cirrus Logic CDB4265 Datasheet HTML 14Page - Cirrus Logic CDB4265 Datasheet HTML 15Page - Cirrus Logic CDB4265 Datasheet HTML 16Page - Cirrus Logic CDB4265 Datasheet HTML 17Page - Cirrus Logic CDB4265 Datasheet HTML 18Page - Cirrus Logic CDB4265 Datasheet HTML 19Page - Cirrus Logic CDB4265 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
CDB4265
16
DS657DB1
6. CDB CONNECTORS, JUMPERS, AND SWITCHES
CONNECTOR
Reference
Designator INPUT/OUTPUT
SIGNAL PRESENT
+5V
J4
Input
+5.0 V Power Supply
GND
J3
Input
Ground Reference
S/PDIF RX
OPT1
Input
CS8416 digital audio input via optical cable
S/PDIF RX
J1
Input
CS8416 digital audio input via coaxial cable
CS4265 TXOUT
J13
Output
CS4265 S/PDIF transmitter digital audio output via coaxial
cable
CS4265 TXOUT
OPT3
Output
CS4265 S/PDIF transmitter digital audio output via optical
cable
RS232 I/O
J19
Input/Output
Serial connection to PC for SPI / I2C control port signals
USB I/O
J29
Input/Output
USB connection to PC for SPI / I2C control port signals.
Not Available.
PCM I/O
J15
Input/Output
I/O for Serial Audio Clocks & Data
CONTROL
J17
Input/Output
I/O for external SPI / I2C control port signals.
MICRO JTAG
J22
Input/Output
I/O for programming the micro controller (U32).
FPGA-JTAG
J23
Input/Output
I/O for programming the FPGA (U27).
RESET
S2
Input
Reset for the micro controller (U32).
PROGRAM FPGA
S1
Input
Reset for the FPGA (U27).
AINA
AINB
J18
J24
Input
RCA phono jacks for analog input signal to CS4265.
CD IN
J30
Input
CD-ROM type header for analog input signal to CS4265.
MICIN1
MICIN2
J14
J16
Input
1/8“ TRS jacks for microphone input.
AOUTA
AOUTB
J14
J16
Output
RCA phono jacks for DAC analog outputs.
Table 6. System Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com