Electronic Components Datasheet Search
  English  ▼

X  

CDB4350 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB4350
Description  Evaluation Board for CS4350
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4350 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB4350 Datasheet HTML 1Page - Cirrus Logic CDB4350 Datasheet HTML 2Page - Cirrus Logic CDB4350 Datasheet HTML 3Page - Cirrus Logic CDB4350 Datasheet HTML 4Page - Cirrus Logic CDB4350 Datasheet HTML 5Page - Cirrus Logic CDB4350 Datasheet HTML 6Page - Cirrus Logic CDB4350 Datasheet HTML 7Page - Cirrus Logic CDB4350 Datasheet HTML 8Page - Cirrus Logic CDB4350 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
DS691DB1
CDB4350
6. POWER SUPPLY CIRCUITRY
Power is supplied to the evaluation board by three binding posts (GND, +12V, and -12V), as shown in Figure 7. The
‘+12V’ and ‘-12V’ terminals supply the active output filters. The +3.3 V and +5.0 V circuitry is powered by regulators
fed by the ‘+12V’ terminal. Headers J3, J4, and J7 allow the user to either select +3.3 V or +5.0 V supplies for the
various CS4350 voltage supply pins. Alternatively, the user can remove the shunts on J3, J4, and J7, and provide
an external power supply.
WARNING: Refer to the CS4350 datasheet for maximum allowable voltage levels. Operation outside of this range
can cause permanent damage to the device.
7. GROUNDING AND POWER SUPPLY DECOUPLING
As with any high-performance converter, the CS4350 requires careful attention to power supply and grounding ar-
rangements in order to optimize performance. Figure 2 details the connections to the CS4350 while Figures 8, 9,
and 10 show the component placement and top and bottom layout. The decoupling capacitors are located as close
to the CS4350 as possible. Extensive use of ground plane fill in the evaluation board yields large reductions in ra-
diated noise.
8. ANALOG OUTPUT FILTERING
The analog output on the CDB4350 has been designed according to the CS4350 datasheet. This output circuit in-
cludes an active 2-pole, 50 kHz filter which utilizes the multiple-feedback topology and a passive output filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com