Electronic Components Datasheet Search
  English  ▼

X  

CDB5534U Datasheet(PDF) 10 Page - Cirrus Logic

Part # CDB5534U
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5534U Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CDB5534U Datasheet HTML 6Page - Cirrus Logic CDB5534U Datasheet HTML 7Page - Cirrus Logic CDB5534U Datasheet HTML 8Page - Cirrus Logic CDB5534U Datasheet HTML 9Page - Cirrus Logic CDB5534U Datasheet HTML 10Page - Cirrus Logic CDB5534U Datasheet HTML 11Page - Cirrus Logic CDB5534U Datasheet HTML 12Page - Cirrus Logic CDB5534U Datasheet HTML 13Page - Cirrus Logic CDB5534U Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
CDB5534U
10
DS289DB6
2.2.1
Start-Up Window
When the evaluation program is launched, the Start-Up window will appear. This window contains infor-
mation concerning the software’s title, revision number, copyright date, etc.
Figure 4. CDB5534U Start-Up Screen
At the top of the screen is a menu bar which displays user options. The menu bar item Window is initially
disabled to prevent conflicts with other serial communications devices. After selecting the data source in
the Options menu, the Window menu item will become available.
2.2.1.1
Options
The Options menu item allows the user to select the source of the data and to configure the appearance
of the graphs. The user has two options for the data source: USB and File. If the USB setup is selected,
the evaluation software will be ready to communicate with the CDB5534U via the USB connection. At this
point, the Part menu item is active and the appropriate CS553x device can be selected. If the File source
is selected, the evaluation software will prompt the user to select the appropriate data file. This option al-
lows the user to view previously captured data without having a CDB5534U connected to the PC. See
Section 2.5 for more details.
The plot options window can be accessed by pulling down the Options menu and clicking on Plot Options.
In this window, the user can change the background color, the plot line color, and the peak indicator color.
The harmonic and peak indicators can also be turned on or off in this window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com