Electronic Components Datasheet Search
  English  ▼

X  

CDB61584A Datasheet(PDF) 6 Page - Cirrus Logic

Part # CDB61584A
Description  Dual Line Interface Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61584A Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CDB61584A Datasheet HTML 2Page - Cirrus Logic CDB61584A Datasheet HTML 3Page - Cirrus Logic CDB61584A Datasheet HTML 4Page - Cirrus Logic CDB61584A Datasheet HTML 5Page - Cirrus Logic CDB61584A Datasheet HTML 6Page - Cirrus Logic CDB61584A Datasheet HTML 7Page - Cirrus Logic CDB61584A Datasheet HTML 8Page - Cirrus Logic CDB61584A Datasheet HTML 9Page - Cirrus Logic CDB61584A Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
56
DS261DB2
CDB61584A
Dual Line Interface Unit
RCLK1
RPOS1
RNEG1
TCLK1
TPOS1
TNEG1
LOS1
J-TDO
DGND2
J-TDI
TTIP1
TV+1
TGND1
TRING1
PD1
ATTEN0
10
11
12
13
14
15
RCLK1
RPOS1
RNEG1
TCLK1
TPOS
TNEG
3
5
7
4
6
8
17
15
13
16
14
12
U2
U2
U2
U2
U2
U2
2
4
1
3
J7
R26
47K
1
R6
470
D1
LED
AIS1
1
R7
470
D2
LED
LOS1
VA+
2
2
VA+
3
3
Q1
Q2
J-TDO
VD+
J-TDI
C3
.1
µF
PD1
ATTEN0
16
17
18
19
20
21
22
23
24
25
C1
C2
.47
µF
VD+
VD+
2
6
1
5
3
T1
1
T
R
J8A
J31
J32
TTIP1
TRING1
J9
2
6
1
5
3
T2
6
9
T
R
J8B
J33
J34
RTIP1
RRING1
C4
R4
R3
C9
.1
µF
VCC
20
10
U2
1
19
GND
U7
CS61584A
CHANNEL 1
J1
J2
J3
J4
J5
J6
R29
R30
R31
C26
C27
C28
C29
C30
C31
R5
R38
R39
L4
VA+
26 N/C-1
R8
R9
R24
R25
.47
µF
1.15:1
PE -65388
1.15:1
PE -65388
TV+1
Notes: Components R3, R4, and C1 are socketed to permit value changes
to the application.
Component locations R1, R2, R8, R9, R24, R25, and D10-D13 provide
areas for evaluating protection circuitry.
51.1
51.1
51.1
100pF
100pF
100pF
100pF
100pF
100pF
(RDATA1)
(BPV1)
(TDATA1)
ENA
ENA
51.1
51.1
51.1
4
R1
R2
D13
D12
D11
D10
Figure 1. Channel 1 Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com