Electronic Components Datasheet Search
  English  ▼

X  

IRF7902PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7902PBF
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7902PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF7902PBF Datasheet HTML 2Page - International Rectifier IRF7902PBF Datasheet HTML 3Page - International Rectifier IRF7902PBF Datasheet HTML 4Page - International Rectifier IRF7902PBF Datasheet HTML 5Page - International Rectifier IRF7902PBF Datasheet HTML 6Page - International Rectifier IRF7902PBF Datasheet HTML 7Page - International Rectifier IRF7902PBF Datasheet HTML 8Page - International Rectifier IRF7902PBF Datasheet HTML 9Page - International Rectifier IRF7902PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF7902PbF
6
www.irf.com
Q1 - Control FET
Q2 - Synchronous FET
Typical Characteristics
Fig 19. Maximum Drain Current vs. Ambient Temperature
Fig 20. Maximum Drain Current vs. Ambient Temperature
Fig 21. Threshold Voltage vs. Temperature
Fig 22. Threshold Voltage vs. Temperature
Fig 23. Maximum Avalanche Energy vs. Drain Current
Fig 24. Maximum Avalanche Energy vs. Drain Current
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
1
2
3
4
5
6
7
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
ID = 250µA
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
2
4
6
8
10
12
14
ID
TOP
2.0A
2.4A
BOTTOM 6.4A
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
2
4
6
8
10
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
ID = 250µA
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
5
10
15
20
25
30
ID
TOP
2.4A
2.8A
BOTTOM 7.8A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com