Electronic Components Datasheet Search
  English  ▼

X  

UPA1981 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPA1981
Description  INTEGRATED LOAD SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA1981 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPA1981 Datasheet HTML 1Page - Renesas Technology Corp UPA1981 Datasheet HTML 2Page - Renesas Technology Corp UPA1981 Datasheet HTML 3Page - Renesas Technology Corp UPA1981 Datasheet HTML 4Page - Renesas Technology Corp UPA1981 Datasheet HTML 5Page - Renesas Technology Corp UPA1981 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
INTEGRATED LOAD SWITCH
µ PA1981
N-CHANNEL/P-CHANNEL MOS FET PAIR
FOR LOAD SWITCH
DATA SHEET
Document No. G17263EJ1V0DS00 (1st edition)
Date Published July 2004 NS CP(K)
Printed in Japan
2004
DESCRIPTION
The
µ PA1981 is a N-Channel/P-Channel MOS FET pair for compact
power management in portable electronic equipment where 2.5 to 8 V
input and 2.8 A output current capability are needed.
This load switch integrated a small N-Channel MOS FET (Q1), which
drives a large P-Channel MOS FET (Q2) in one tiny package (SC-95).
FEATURES
• VS2D21 = 0.2 V MAX. (VS2S1 = 5.0 V, ID2 = −2.8 A, RD2S2(on)1 = 70 mΩ)
• VS2D22 = 0.2 V MAX. (VS2S1 = 2.5 V, ID2 = −1.9 A, RD2S2(on)2 = 105 mΩ)
ORDERING INFORMATION
PART NUMBER
PACKAGE
µ PA1981TE
SC-95 (Mini Mold Thin Type)
Marking: TZ
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Source2 to Source1 Input Voltage Range
VS2S1
2.5 to 8.0
V
Gate1 to Source1 On Voltage Range
VG1S1
1.5 to 7.0
V
Drain2 Current (DC)
Note1
ID2(DC)
−2.8
A
Drain2 Current (pulse)
Note2
ID2(pulse)
−10.0
A
Total Power Dissipation
Note1
PT
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes 1. Mounted on FR-4 Board of 2500 mm
2 x 1.6 mm, t ≤ 5 sec
2. PW
≤ 10
µs, Duty Cycle ≤ 1%
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage exceeding
the rated voltage may be applied to this device.
PACKAGE DRAWING (Unit: mm)
0.65
0.9 to 1.1
0 to 0.1
0.16
+0.1
–0.06
0.95
1.9
2.9 ±0.2
0.32
+0.1
–0.05
0.95
PIN CONNECTION (Top View)
12
3
65
4
1. S1(Q1)
2. D2(Q2)
3. D2(Q2)
4. S2(Q2)
5. G1(Q1)
6. G2/D1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com