Electronic Components Datasheet Search
  English  ▼

X  

CAS480M12HM3 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # CAS480M12HM3
Description  1200 V, 480 A, Silicon Carbide High-Performance, Switching Optimized, Half-Bridge Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAS480M12HM3 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button CAS480M12HM3 Datasheet HTML 3Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 4Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 5Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 6Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 7Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 8Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 9Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 10Page - WOLFSPEED, INC. CAS480M12HM3 Datasheet HTML 11Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Copyright ©2022 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, Wolfspeed®, and the Wolfspeed logo
are registered trademarks of Cree, Inc.
7
Rev. 2, 2022-02-25
CAS480M12HM3
4600 Silicon Dr., Durham, NC 27703
Figure 20. Continuous Drain Current Derating vs.
Case Temperature
Typical Performance
Figure 19. Reverse Bias Safe Operating Area (RBSOA)
Figure 21. Maximum Power Dissipation Derating vs.
Case Temperature
Figure 22. Typical Output Current Capability vs. Switching Frequency
(Inverter Application)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
-50
-25
0
25
50
75
100
125
150
Case Temperature, TC (°C)
Conditions:
TVJ ≤ 175 °C
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
125
150
Case Temperature, TC (°C)
Conditions:
TVJ ≤ 175 °C
0
100
200
300
400
500
600
700
0
10
20
30
40
50
60
70
80
90
Switching Frequency, FS (kHz)
VDS = 800 V
TC = 90 °C
TVJ = 175 °C
MF = 1
RG-EXT = 1 Ω
0
200
400
600
800
1000
0
200
400
600
800
1000
1200
Drain-Source Voltage, VDS (V)
Chip
Module
Conditions:
TVJ = 175 °C
RG(ext) = 1.0 Ω
LStray-Bussing = 3.5 nH
LStray-Module = 4.8 nH
10
100
1,000
10,000
100,000
-50
-25
0
25
50
75
100 125 150 175
NTC Temperature (°C)
R25 = 4700 Ω
Figure 23. Typical NTC Resistance vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com