Electronic Components Datasheet Search
  English  ▼

X  

CSD01060A Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # CSD01060A
Description  600 V, 1 A Silicon Carbide Schottky Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CSD01060A Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  CSD01060A Datasheet HTML 1Page - WOLFSPEED, INC. CSD01060A Datasheet HTML 2Page - WOLFSPEED, INC. CSD01060A Datasheet HTML 3Page - WOLFSPEED, INC. CSD01060A Datasheet HTML 4Page - WOLFSPEED, INC. CSD01060A Datasheet HTML 5Page - WOLFSPEED, INC. CSD01060A Datasheet HTML 6Page - WOLFSPEED, INC. CSD01060A Datasheet HTML 7Page - WOLFSPEED, INC. CSD01060A Datasheet HTML 8Page - WOLFSPEED, INC. CSD01060A Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
Rev. 18, March 2023
CSD01060A
Package Types: TO-220-2
Marking: CSD01060A
Features
• Low Forward Voltage (V
F) Drop with Positive
Temperature Coefficient
• Zero Reverse Recovery Current / Forward
Recovery Voltage
• Temperature-Independent Switching Behavior
Applications
• Industrial Switched Mode Power Supplies
• Uninterruptible & AUX Power Supplies
• Boost for PFC & DC-DC Stages
• Solar Inverters
Description
With the performance advantages of a Silicon Carbide (SiC)
Schottky Barrier diode, power electronics systems can expect
to meet higher efficiency standards than Si-based solutions,
while also reaching higher frequencies and power densities.
SiC diodes can be easily paralleled to meet various application
demands, without concern of thermal runaway. In combination
with the reduced cooling requirements and improved thermal
performance of SiC products, SiC diodes are able to provide
lower overall system costs in a variety of diverse applications.
Maximum Ratings (T
C = 25°C Unless Otherwise Specified)
Parameter
Symbol
Value
Unit
Test Conditions
Notes
Repetitive Peak Reverse Voltage
V
RRM
600
V
DC Blocking Voltage
V
DC
600
Continuous Forward Current
I
F
4
A
T
J = 25 °C
Fig. 3
2
T
J = 135 °C
1
T
J = 158 °C
Repetitive Peak Forward Surge
Current
I
FRM
7
T
C = 25 °C, tp = 10 ms, Half Sine Wave
5.5
T
C = 110 °C, tp = 10 ms, Half Sine Wave
Non-Repetitive Forward Surge
Current
I
FSM
9
T
C = 25 °C, tp = 1.5 ms, Half Sine Wave
Fig. 8
Non-Repetitive Peak Forward
Surge Current
I
F,Max
32
T
C = 25 °C, tp = 10 µs, Pulse
Power Dissipation
P
tot
21.4
W
T
J = 25 °C
Fig. 4
7.1
T
J = 125 °C
600 V, 1 A Silicon Carbide Schottky Diode


Similar Part No. - CSD01060A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSD01060A ETC1-CSD01060A Datasheet
211Kb / 5P
ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD01060A CREE-CSD01060A Datasheet
291Kb / 2P
Z-RecTM Rectifiers and Zero-Recovery® Rectifiers
CSD01060A CREE-CSD01060A Datasheet
627Kb / 6P
Silicon Carbide Schottky Diode
CSD01060A CREE-CSD01060A Datasheet
627Kb / 6P
Silicon Carbide Schottky Diode
More results

Similar Description - CSD01060A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC806D STMICROELECTRONICS-STPSC806D Datasheet
96Kb / 7P
600 V power Schottky silicon carbide diode
05-May-2008
STPSC1006D STMICROELECTRONICS-STPSC1006D Datasheet
96Kb / 7P
600 V power Schottky silicon carbide diode
05-May-2008
STPSC406 STMICROELECTRONICS-STPSC406 Datasheet
108Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC606 STMICROELECTRONICS-STPSC606 Datasheet
106Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC806 STMICROELECTRONICS-STPSC806_09 Datasheet
93Kb / 7P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC1206D STMICROELECTRONICS-STPSC1206D Datasheet
89Kb / 7P
600 V power Schottky silicon carbide diode
28-Sep-2009
STPSC2006CW STMICROELECTRONICS-STPSC2006CW Datasheet
80Kb / 7P
600 V power Schottky silicon carbide diode
01-Mar-2011
STPSC1206 STMICROELECTRONICS-STPSC1206 Datasheet
89Kb / 7P
600 V power Schottky silicon carbide diode
September 2009 Rev 1
logo
WOLFSPEED, INC.
C3D02060A WOLFSPEED-C3D02060A Datasheet
1Mb / 9P
3rd Generation 600 V, 2 A Silicon Carbide Schottky Diode
Rev. 8, March 2023
C3D10060A WOLFSPEED-C3D10060A Datasheet
1Mb / 8P
3rd Generation 600 V, 10 A Silicon Carbide Schottky Diode
Rev. 8, March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com