Electronic Components Datasheet Search
  English  ▼

X  

IRFBE20PBF Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRFBE20PBF
Description  isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRFBE20PBF Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRFBE20PBF Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRFBE20PBF Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
IRFBE20PBF
FEATURES
·
Drain Current : ID= 1.8A@ TC=25℃
·
Drain Source Voltage
: VDSS= 800V(Min)
·
Static Drain-Source On-Resistance
: RDS(on) = 6.5Ω(Max) @ VGS= 10V
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
DESCRITION
·
motor drive, DC-DC converter, power switch
and solenoid drive.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
800
V
VGS
Gate-Source Voltage
±
20
V
ID
Drain Current-Continuous
1.8
A
IDM
Drain Current-Single Pulsed
7.2
A
PD
Total Dissipation @TC=25℃
54
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(J-c)
Junction-to-case thermal resistance
2.3
℃
/W


Similar Part No. - IRFBE20PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBE20PBF IRF-IRFBE20PBF Datasheet
249Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFBE20PBF VISHAY-IRFBE20PBF Datasheet
1,000Kb / 8P
Power MOSFET
07-Jul-08
IRFBE20PBF VISHAY-IRFBE20PBF Datasheet
266Kb / 9P
Power MOSFET
16-Aug-2021
IRFBE20PBF-BE3 VISHAY-IRFBE20PBF-BE3 Datasheet
266Kb / 9P
Power MOSFET
16-Aug-2021
More results

Similar Description - IRFBE20PBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com