Electronic Components Datasheet Search
  English  ▼

X  

83709 Datasheet(PDF) 1 Page - Belden Inc.

Part # 83709
Description  Electronic, 9 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

83709 Datasheet(HTML) 1 Page - Belden Inc.

  83709 Datasheet HTML 1Page - Belden Inc. 83709 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 83709
Electronic, 9 C #16 Str TC, FEP Ins, OS+TC Brd, FEP Jkt, CMP
Product Description
High Temperature Electronic, 9 Conductor 16AWG (19x29) Tinned Copper, FEP Insulation, Overall Beldfoil®+Tinned Copper Braid(85%) Shield, FEP Outer
Jacket, CMP
Technical Specifications
Product Overview
Suitable Applications:
extreme high/low temperature environments; chemical resistant; outdoor and burial applications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line
level audio; voice communications; panel wiring
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 9
16 AWG 19x29
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) FEP - Fluorinated Ethylene Propylene 0.007 in (0.18 mm) 0.069 in (1.8 mm)
Black, White, Red, Green, Orange, Blue, White/Black Stripe, Red/Black Stripe, Green/Black Stripe
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Braid
Tinned Copper (TC)
85%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
FEP - Fluorinated Ethylene Propylene 0.020 in (0.51 mm) 0.320 in (8.13 mm)
Overall Cable Diameter
(Nominal):
0.320 in (8.13 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Conductor(s) 4.43 Ohm/1000ft
35 pF/ft (110 pF/m)
63 pF/ft (210 pF/m)
4.5 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
150°C
-70°C to +200°C
Bend Radius


Similar Part No. - 83709

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
837091903 ULTI-MATE-837091903 Datasheet
37Kb / 1P
Micro Strip PCB 9 Pin One guide post (post on socket side) SMT Right Angle None 0.1 Tail Length Plastic Shell 125 Max Temp No QPL
7-16-12
837092905 ULTI-MATE-837092905 Datasheet
37Kb / 1P
Micro Strip Solder Cup 9 Socket One guide post (post on socket side) Plastic Shell 125 Max Temp No QPL
7-16-12
logo
TE Connectivity Ltd
837097-000 TEC-837097-000 Datasheet
3Mb / 40P
Raychem Application Tooling
More results

Similar Description - 83709

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
83703 BELDEN-83703 Datasheet
193Kb / 2P
Electronic, 3 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83719 BELDEN-83719 Datasheet
226Kb / 2P
Electronic, 19 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83659 BELDEN-83659 Datasheet
212Kb / 2P
Electronic, 9 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83702 BELDEN-83702 Datasheet
198Kb / 2P
Electronic, 2 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83704 BELDEN-83704 Datasheet
201Kb / 2P
Electronic, 4 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83712 BELDEN-83712 Datasheet
226Kb / 2P
Electronic, 12 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83509 BELDEN-83509 Datasheet
224Kb / 2P
Electronic, 9 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83559 BELDEN-83559 Datasheet
219Kb / 2P
Electronic, 9 C #22 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83609 BELDEN-83609 Datasheet
223Kb / 2P
Electronic, 9 C #20 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83715 BELDEN-83715 Datasheet
161Kb / 2P
Electronic, 15 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com