Electronic Components Datasheet Search
  English  ▼

X  

85103 Datasheet(PDF) 1 Page - Belden Inc.

Part # 85103
Description  Electronic, 3 C #16 Str TC, ETFE Ins, ETFE Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

85103 Datasheet(HTML) 1 Page - Belden Inc.

  85103 Datasheet HTML 1Page - Belden Inc. 85103 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 85103
Electronic, 3 C #16 Str TC, ETFE Ins, ETFE Jkt
Product Description
High Temperature Electronic, 3 Conductor 16AWG (19x29) Tinned Copper, ETFE Insulation, ETFE Outer Jacket
Technical Specifications
Product Overview
Suitable Applications:
extreme high/low temperature environments; chemical resistant; low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); instrumentation
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 3
16 AWG 19x29
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) ETFE - Ethylene Tetrafluoroethylene 0.0135 in (0.343 mm) 0.082 in (2.1 mm)
Black, White, Red
Outer Shield
Material
No Shield
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
ETFE - Ethylene Tetrafluoroethylene 0.019 in (0.48 mm) 0.223 in
Overall Cable Diameter (Nominal): 0.223 in.
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
4.76 Ohm/1000ft
12 Amps per Conductor at 25ºC
Voltage
Voltage Rating
300 V
Mechanical Characteristics
Temperature
Operating
-60°C To +150°C
Bend Radius
Stationary Min.
Installation Min.
2.23 in (56.6 mm) 2.23 in
Max. Pull Tension:
120 lbs (54 kg)


Similar Part No. - 85103

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
85103002 HUBERSUHNER-85103002 Datasheet
252Kb / 2P
LISA patch cassette, 12x LCD UPC, SM
85103003 HUBERSUHNER-85103003 Datasheet
251Kb / 2P
LISA patch cassette, 12x LCD APC, SM
85103004 HUBERSUHNER-85103004 Datasheet
254Kb / 2P
LISA patch cassette, 12xLCD PC, OM4
85103005 HUBERSUHNER-85103005 Datasheet
241Kb / 3P
LISA patch cassette, 12x MTP key up key down
85103006 HUBERSUHNER-85103006 Datasheet
256Kb / 2P
LISA patch cassette, 18x LCD UPC, SM
More results

Similar Description - 85103

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
85102 BELDEN-85102 Datasheet
248Kb / 2P
Electronic, 2 C #16 Str TC, ETFE Ins, ETFE Jkt
85164 BELDEN-85164 Datasheet
182Kb / 2P
Electronic, 4 Pr #20 Str TC, ETFE Ins, OS, ETFE Jkt
05-05-2023
85168 BELDEN-85168 Datasheet
186Kb / 3P
Electronic, 8 Pr #20 Str TC, ETFE Ins, OS, ETFE Jkt
05-05-2023
85230 BELDEN-85230 Datasheet
180Kb / 2P
Electronic, 2 C #20 Str TC, ETFE Ins, OS, ETFE Jkt
01-20-2023
85220 BELDEN-85220 Datasheet
158Kb / 2P
Electronic, 2 C #20 Str TC, ETFE Ins, ETFE Jkt
01-20-2023
85231 BELDEN-85231 Datasheet
172Kb / 2P
Electronic, 2 C #16 Str TC, ETFE Ins, OS, ETFE Jkt
01-20-2023
85240 BELDEN-85240 Datasheet
179Kb / 2P
Electronic, 3 C #20 Str TC, ETFE Ins, OS, ETFE Jkt
01-20-2023
85109 BELDEN-85109 Datasheet
156Kb / 2P
Electronic, 9 C #16 Str TC, ETFE Ins, ETFE Jkt
05-05-2023
85221 BELDEN-85221 Datasheet
155Kb / 2P
Electronic, 2 C #16 Str TC, ETFE Ins, ETFE Jkt
05-05-2023
85241 BELDEN-85241 Datasheet
172Kb / 2P
Electronic, 3 C #16 Str TC, ETFE Ins, OS, ETFE Jkt
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com