Electronic Components Datasheet Search
  English  ▼

X  

89418 Datasheet(PDF) 1 Page - Belden Inc.

Part # 89418
Description  Electronic, 4 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

89418 Datasheet(HTML) 1 Page - Belden Inc.

  89418 Datasheet HTML 1Page - Belden Inc. 89418 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 89418
Electronic, 4 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
Product Description
High Temperature Electronic, 4 Conductor 18AWG (19x30) Tinned Copper, FEP Insulation, Overall Beldfoil® Shield, FEP Outer Jacket, CMP
Technical Specifications
Product Overview
Suitable Applications:
extreme high/low temperature environments; chemical resistant; outdoor and burial applications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line
level audio; voice communications; panel wiring
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 4
18 AWG 19x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) FEP - Fluorinated Ethylene Propylene 0.007 in (0.18 mm) 0.057 in (1.4 mm)
Black, White, Red, Green
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
20 AWG (19x32) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
FEP - Fluorinated Ethylene Propylene 0.014 in (0.36 mm) 0.173 in (4.39 mm)
Overall Cable Diameter
(Nominal):
0.173 in (4.39 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield) Nom. Velocity of Prop.
Max. Current
Conductor(s) 7.06 Ohm/1000ft
30 pF/ft (98 pF/m)
57 pF/ft (190 pF/m)
69%
13.6 Amps per Conductor at 30ºC
Voltage
UL Voltage Rating
300 V (CMP)
Mechanical Characteristics
Temperature
UL Temperature
Operating
150°C
-20°C to +150°C
Bend Radius
Stationary Min. Installation Min.
1.7 in (43 mm)
1.7 in (43 mm)


Similar Part No. - 89418

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8941 ETC2-8941 Datasheet
56Kb / 1P
8940 THRU 8925 8955 THRU 8961
logo
Heyco.
8941 HEYCO-8941 Datasheet
129Kb / 1P
Heyco® Hose and Cable Wrap-Polyethylene
8941 HEYCO-8941 Datasheet
129Kb / 1P
Hose and Cable Wrap-Polyethylene
logo
NTE Electronics
89410 NTE-89410 Datasheet
14Kb / 1P
50V CERAMIC DISC
logo
ITT Industries
894101000 ITT-894101000 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
More results

Similar Description - 89418

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
88760 BELDEN-88760 Datasheet
212Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
04-19-2023
83653 BELDEN-83653 Datasheet
194Kb / 2P
Electronic, 3 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
88489 BELDEN-88489 Datasheet
161Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, FEP Jkt, CMP
05-05-2023
83659 BELDEN-83659 Datasheet
212Kb / 2P
Electronic, 9 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
88770 BELDEN-88770 Datasheet
205Kb / 2P
Electronic, 3 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
01-20-2023
83652 BELDEN-83652 Datasheet
192Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83654 BELDEN-83654 Datasheet
169Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
Date: 01-20-2023
83656 BELDEN-83656 Datasheet
208Kb / 2P
Electronic, 6 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83662 BELDEN-83662 Datasheet
225Kb / 2P
Electronic, 12 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
89740 BELDEN-89740 Datasheet
144Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com