Electronic Components Datasheet Search
  English  ▼

X  

9325 Datasheet(PDF) 2 Page - Leach International Corporation

Part # 9325
Description  RELAY CENTER OFF LOAD TRANSFER 3PST/NO, 25 AMP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

9325 Datasheet(HTML) 2 Page - Leach International Corporation

  9325 Datasheet HTML 1Page - Leach International Corporation 9325 Datasheet HTML 2Page - Leach International Corporation 9325 Datasheet HTML 3Page - Leach International Corporation 9325 Datasheet HTML 4Page - Leach International Corporation 9325 Datasheet HTML 5Page - Leach International Corporation 9325 Datasheet HTML 6Page - Leach International Corporation 9325 Datasheet HTML 7Page - Leach International Corporation 9325 Datasheet HTML 8Page - Leach International Corporation 9325 Datasheet HTML 9Page - Leach International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
9325
RELAY CENTER OFF LOAD TRANSFER
3PST/NO, 25 AMP
2 /
COIL CHARACTERISTICS (Vdc)
GENERAL CHARACTERISTICS
Unless otherwise noted, the specified temperature range applies to all relay characteristics.
COIL DATA
28 Vdc
115 Vac 400 Hz [3]
115 Vac
50/60 Hz
Suppressed Vdc [4]
Nominal operating voltage
28
115
115
28
Maximum operating voltage
29
128
124
29
Maximum Pick-up voltage @ +125° C
18
95
95
20
Drop-out voltage, max
7
40
40
7
Coil resistance Ω ± 10% at +25° C
160
-
-
160
Coil current max. mA at +25° C
-
55
60
-
Temperature range
-70°C to +125°C
Minimum operating cycles (life) at rated load
50,000
Minimum operating cycles (life) at 25% rated load
200,000
Dielectric strength at sea level all points
All circuits to ground and circuit to circuit
1500 Vrms / 50 Hz
Coil to ground
DC 1,250 Vrms
Dielectric strength at altitude 80,000 ft
500 Vrms / 50Hz
Insulation resistance (at 500 Vdc) minimum
100 M Ω min
Sinusoidal vibration (55-1500 Hz)
10 G
Shock (6-9 millisecond duration)
25 G
Maximum contact opening time under shock or vibration
2 ms
Operate time at nominal voltage @ 25°C
20 ms max [5]
Release time at nominal voltage @ 25°C
DC
10 ms max [9]
AC
50 ms max
Contact make bounce at nominal voltage
5 ms max



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com