Electronic Components Datasheet Search
  English  ▼

X  

KDL Datasheet(PDF) 5 Page - Leach International Corporation

Part # KDL
Description  RELAY – LATCH 3PST/NO AUX, 25 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

KDL Datasheet(HTML) 5 Page - Leach International Corporation

  KDL Datasheet HTML 1Page - Leach International Corporation KDL Datasheet HTML 2Page - Leach International Corporation KDL Datasheet HTML 3Page - Leach International Corporation KDL Datasheet HTML 4Page - Leach International Corporation KDL Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KDL SERIES
RELAY – LATCH
3PST/NO +AUX, 25 AMP
5 / 5
DIAGRAMS
TOL: .XX ±.03; .XXX ±.010
NUMBERING SYSTEM
NOTES
1.
Standard Intermediate current test applicable.
2.
For full rated load, max. temp. and altitude use no. 12 wire or larger. Relays to be mounted to limit mounting bracket temp. to 135° C.
3.
DC inductive load 10,000 cycles. AC inductive load 20,000 cycles.
4.
Dielectric of auxiliary contact gap after life tests: 750 VRMS, 60 Hz.
5.
500 VRMS with silicone gasket compressed, 350 VRMS all other conditions.
6.
Applicable military specification: MIL-PRF-6106/12.
7.
Special models available: Dry circuit, established reliability testing, etc.
8.
"N, R & V" coils have back EMF suppression to - 5 volts maximum.
9.
Relay will not be damaged by applying reverse voltage to the coil although the relay may transfer.
10. 60 Hz load life, 10,000 cycles.
11. Time current relay characteristics per MIL-PRF-6106.
For any inquiries, please contact your local sales representative: leachcorp.com
KDL
-
A
4
A
Basic series designation
1.
Mounting styles
2.
Terminal types
3.
Coil voltage, see coil characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com